Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT0144P Datasheet(PDF) 1 Page - E-SWITCH

Part # XT0144P
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XT0144P Datasheet(HTML) 1 Page - E-SWITCH

  XT0144P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
700SP7B20M6QEC2BLK
2:1
1/16/2007
XT0144P
A
TN
1
1
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-3
1-2
(ON)=MOMENTARY
A
16869
RELEASED FOR PRODUCTION
1/16/2007
TN
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. RATING: 1 AMP @ 250 VAC
3 AMP @ 120 VAC OR 28VDC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @ SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10. DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT.
1
3
2
CIRCUIT: SPDT
3
1
2
3
P.C. MOUNTING
5.08
[.200 in]
13.20
[.520 in]
1
2
3
n1.85
[.073 in]
4.70
[.185 in]
6.86
[.270 in]
3.18
[.125 in]
12.70
[.500 in]
.40
[.016 in]
7.57
[.298 in]
1.27
[.050 in]
1.22
[.048 in]
5.08
[.200 in]
.76
[.030 in]
4.70
[.185 in]
6.35
[.250 in]
9.35
[.368 in]
Ø
E SWITCH LOGO
OTHER SIDE
13.20
[.520 in]
CAP: 700C2BLK
(T700200)
700SP7B20M6QE
(T711010)


Similar Part No. - XT0144P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XT0140P E-SWITCH-XT0140P Datasheet
135Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XT0145P E-SWITCH-XT0145P Datasheet
123Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XT0147P E-SWITCH-XT0147P Datasheet
84Kb / 1P
All Dimension In MM
XT0148P E-SWITCH-XT0148P Datasheet
117Kb / 1P
DIMENSIONS IN MM [INCH]
XT0149P E-SWITCH-XT0149P Datasheet
86Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - XT0144P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com