Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM359J Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM359J
Description  Dual, High Speed, Programmable, Current Mode Norton Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM359J Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM359J Datasheet HTML 5Page - National Semiconductor (TI) LM359J Datasheet HTML 6Page - National Semiconductor (TI) LM359J Datasheet HTML 7Page - National Semiconductor (TI) LM359J Datasheet HTML 8Page - National Semiconductor (TI) LM359J Datasheet HTML 9Page - National Semiconductor (TI) LM359J Datasheet HTML 10Page - National Semiconductor (TI) LM359J Datasheet HTML 11Page - National Semiconductor (TI) LM359J Datasheet HTML 12Page - National Semiconductor (TI) LM359J Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Application Hints (Continued)
these parameters are significant in wide band amplifier de-
sign. The input stage current is approximately 3 times
I
SET(IN) and by using this relationship the following first order
approximations for these AC parameters are:
where C
comp is the total capacitance from the compensation
pin (pin 3 or pin 13) to ground, A
VOL is the low frequency
open loop voltage gain in V/V and an ambient temperature of
25˚C is assumed (KT/q = 26 mV and
β
typ = 150). ISET(IN)
also controls the DC input bias current by the expression:
which is important for DC biasing considerations.
The total device supply current (for both amplifiers) is also a
direct function of the set currents and can be approximated
by:
I
supply ≅ 27xISET(OUT) +11xISET(IN)
with each set current programmed by individual resistors.
PROGRAMMING WITH A SINGLE RESISTOR
Operating current programming may also be accomplished
using only one resistor by letting I
SET(IN) equal ISET(OUT). The
programming current is now referred to as I
SET and it is cre-
ated by connecting a resistor from pin 1 to pin 8 (
Figure 8).
This configuration does not affect any of the internal set cur-
rent dependent parameters differently than previously dis-
cussed except the total supply current which is now equal to:
I
supply ≅ 37xISET
Care must be taken when using resistors to program the set
current to prevent significantly increasing the supply voltage
above the value used to determine the set current. This
would cause an increase in total supply current due to the re-
sulting increase in set current and the maximum device
power dissipation could be exceeded. The set resistor val-
ue(s) should be adjusted for the new supply voltage.
One method to avoid this is to use an adjustable current
source which has voltage compliance to generate the set
current as shown in
Figure 9.
This circuit allows I
SET to remain constant over the entire
supply voltage range of the LM359 which also improves
power supply ripple rejection as illustrated in the Typical Per-
formance Characteristics. It should be noted, however, that
the current through the LM334 as shown will change linearly
with temperature but this can be compensated for (see
LM334 data sheet).
Pin 1 must never be shorted to ground or pin 8 never shorted
to V
+ without limiting the current to 2 mA or less to prevent
catastrophic device failure.
CONSIDERATIONS FOR HIGH FREQUENCY
OPERATION
The LM359 is intended for use in relatively high frequency
applications and many factors external to the amplifier itself
must be considered. Minimization of stray capacitances and
their effect on circuit operation are the primary requirements.
The following list contains some general guidelines to help
accomplish this end:
1.
Keep the leads of all external components as short as
possible.
2.
Place components conducting signal current from the
output of an amplifier away from that amplifier’s
non-inverting input.
3.
Use reasonably low value resistances for gain setting
and biasing.
4.
Use of a ground plane is helpful in providing a shielding
effect between the inputs and from input to output. Avoid
using vector boards.
5.
Use a single-point ground and single-point supply distri-
bution to minimize crosstalk. Always connect the two
grounds (one from each amplifier) together.
6.
Avoid use of long wires (> 2") but if necessary, use
shielded wire.
7.
Bypass the supply close to the device with a low induc-
tance, low value capacitor (typically a 0.01 µF ceramic)
to create a good high frequency ground. If long supply
leads are unavoidable, a small resistor (z10
Ω) in series
with the bypass capacitor may be needed and using
shielded wire for the supply leads is also recommended.
COMPENSATION
The LM359 is internally compensated for stability with closed
loop inverting gains of 10 or more. For an inverting gain of
less than 10 and all non-inverting amplifiers (the amplifier al-
ways has 100% negative current feedback regardless of the
DS007788-13
ISET(IN) = ISET(OUT) = ISET
FIGURE 8. Single Resistor Programming of I
SET
DS007788-14
FIGURE 9. Current Source Programming of I
SET
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com