Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CL72A Datasheet(PDF) 1 Page - American Microsemiconductor

Part # 2CL72A
Description  High Voltage Rectifier Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

2CL72A Datasheet(HTML) 1 Page - American Microsemiconductor

  2CL72A Datasheet HTML 1Page - American Microsemiconductor 2CL72A Datasheet HTML 2Page - American Microsemiconductor 2CL72A Datasheet HTML 3Page - American Microsemiconductor 2CL72A Datasheet HTML 4Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2CL Series
High Voltage Rectifier Series
A d v a n c i n g t h e S e m i c o n d u c t o r I n d u s t r y S i n c e 1 9 7 2
© 2013 American Microsemiconductor, Inc.
Specifications are subject to change without notice.
Aerospace Mgmt. Sys. Cert.
AS/EN/JISQ9100:2009 Rev. C
ISO9001:2008
Cert No. 45325
133 Kings Road,
Madison, New Jersey 07940
United States of America
Tel. 1-973-377-9566, Fax. 1-973-377-3078
www.americanmicrosemi.com
Document Page 1 of 4
Revised 06/2013
PRODUCT ABSTRACT
2CL is a diverse series of high frequency,
high voltage rectifiers designed for
prolonged use at high power and
temperature. The 2CL is notable for its
avalanche
breakdown
protection
in
addition to a low leakage current and fast
recovery time. Each semiconductor comes
in an axial epoxy resin package that is heat
resistant to temperatures up to one
hundred-fifty degrees Celsius and down to
negative forty Celsius.
Applications include x-ray generators,
induction heaters, transmitter power
supplies, and so on.
SERIES DIMENSIONAL DATA
Series Type
A
ΦB
C
ΦD
2CL70
8
3
25.0 Min
0.6±
2CL71
8
3
25.0 Min
0.6±
2CL72
10
3
25.0 Min
0.6±
2CL73
10
3
25.0 Min
0.6±
2CL74
10
3
25.0 Min
0.6±
2CL75
12
3
25.0 Min
0.6±
2CL77
12
3
25.0 Min
0.6±
2CL70A
6.5
2.5
25.0 Min
0.6±
2CL71A
6.5
2.5
25.0 Min
0.6±
2CL72A
10
2.5
25.0 Min
0.6±
2CL73A
10
2.5
25.0 Min
0.6±
2CL75A
10
2.5
25.0 Min
0.6±
2CL01-09
22
7.5
25.0 Min
0.6±
2CL01-12
22
7.5
25.0 Min
0.6±
2CL04-12
22
7.5
25.0 Min
0.6±
2CL01-12A
22
7.5
25.0 Min
0.6±
2CL04-12A
22
7.5
25.0 Min
0.6±
2CL15KV/20mA
12
3
25.0 Min
0.6±
2CL18KV/20mA
12
3
25.0 Min
0.6±
2CL20KV/20mA
12
3
25.0 Min
0.6±
2CL25KV/20mA
12
3
25.0 Min
0.6±
2CL15KV/30mA
12
3
25.0 Min
0.6±
2CL18KV/30mA
12
3
25.0 Min
0.6±
2CL20KV/30mA
12
3
25.0 Min
0.6±
2CL25KV/30mA
12
3
25.0 Min
0.6±
2CL0508
15
4.5
25.0 Min
0.8±
2CL0510
15
4.5
25.0 Min
0.8±
2CL0512
15
4.5
25.0 Min
0.8±
2CL0515
15
4.5
25.0 Min
0.8±
2CL0518
15
4.5
25.0 Min
0.8±
2CL0520
15
4.5
25.0 Min
0.8±
2CL0508
15
4.5
25.0 Min
0.8±
2CL0510
15
4.5
25.0 Min
0.8±
2CL0512
15
4.5
25.0 Min
0.8±
2CL0515
15
4.5
25.0 Min
0.8±
2CL0518
15
4.5
25.0 Min
0.8±
2CL0520
15
4.5
25.0 Min
0.8±
2CL10-04
6.5
2.5
25.0 Min
0.8±
6.5
2.5
25.0 Min
0.8±
15
4.5
25.0 Min
0.8±
15
4.5
25.0 Min
0.8±
15
4.5
25.0 Min
0.8±
15
4.5
25.0 Min
0.8±
15
4.5
25.0 Min
0.8±
2CL10-06
2CL10-08
2CL10-10
2CL10-12
2CL10-15
2CL10-08
Image displayed for illustrative purposes only.
The 2CL series can be ordered from our company with quick-
release crimps. Please add –QR to the end of the part number.
Notes: All dimensions in
millimeters. B & D
are ±0.03.


Similar Part No. - 2CL72A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
2CL72A DACHANG-2CL72A Datasheet
118Kb / 2P
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 10KV Forward Current 5mA
logo
Shenzhen Luguang Electr...
2CL72A LUGUANG-2CL72A Datasheet
202Kb / 2P
楹삣닓遙섇럨雅뚧엨嶸↓뇞?③쳵??씈?㎫쉪?곈씊瀯볠엫?딀돥?e램?븝펽??갊?묋꼥?잏㈉?뚧낏?먨칳??쉪弱곮즳鸚뽩숱?
logo
GETAI ELECTRONICS DEVIC...
2CL72A GETEDZ-2CL72A Datasheet
625Kb / 2P
High Voltage Silicon Rectifier Diode
logo
Anshan Leadsun Electron...
2CL72A LEADSUN-2CL72A Datasheet
334Kb / 1P
High Voltage Diode
logo
Diotec Semiconductor
2CL72A DIOTEC-2CL72A Datasheet
149Kb / 2P
Ultrafast Recovery High Voltage Rectifier Diodes
More results

Similar Description - 2CL72A

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
2CL18KV30MA AMMSEMI-2CL18KV30MA Datasheet
673Kb / 4P
High Voltage Rectifier Series
2CL20-08 AMMSEMI-2CL20-08 Datasheet
673Kb / 4P
High Voltage Rectifier Series
2CL20-10 AMMSEMI-2CL20-10 Datasheet
673Kb / 4P
High Voltage Rectifier Series
2CL20KV20MA AMMSEMI-2CL20KV20MA Datasheet
673Kb / 4P
High Voltage Rectifier Series
2CL25KV20MA AMMSEMI-2CL25KV20MA Datasheet
673Kb / 4P
High Voltage Rectifier Series
2CL0508 AMMSEMI-2CL0508 Datasheet
673Kb / 4P
High Voltage Rectifier Series
2CL0510 AMMSEMI-2CL0510 Datasheet
673Kb / 4P
High Voltage Rectifier Series
CL01-12 AMMSEMI-CL01-12 Datasheet
673Kb / 4P
High Voltage Rectifier Series
CL04-12 AMMSEMI-CL04-12 Datasheet
673Kb / 4P
High Voltage Rectifier Series
CL05-10T AMMSEMI-CL05-10T Datasheet
673Kb / 4P
High Voltage Rectifier Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com