Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1413 Datasheet(PDF) 21 Page - Microchip Technology

Part # TC1413
Description  3A High-Speed MOSFET Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1413 Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC1413_15 Datasheet HTML 16Page - Microchip Technology TC1413_15 Datasheet HTML 17Page - Microchip Technology TC1413_15 Datasheet HTML 18Page - Microchip Technology TC1413_15 Datasheet HTML 19Page - Microchip Technology TC1413_15 Datasheet HTML 20Page - Microchip Technology TC1413_15 Datasheet HTML 21Page - Microchip Technology TC1413_15 Datasheet HTML 22Page - Microchip Technology TC1413_15 Datasheet HTML 23Page - Microchip Technology TC1413_15 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2001-2015 Microchip Technology Inc.
DS20001392E-page 21
TC1413/TC1413N
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC1413:
3A Single MOSFET Driver, Inverting
TC1413N: 3A Single MOSFET Driver, Non-Inverting
Temperature Range: C
=
0°C to +70°C
E
=
-40°C to +85°C
Package:
OA
= Plastic SOIC, (150 mil Body), 8-lead
OA713 = Plastic SOIC, (150 mil Body), 8-lead
(Tape and Reel)
UA
= Plastic Micro Small Outline (MSOP), 8-lead *
UA713 = Plastic Micro Small Outline (MSOP), 8-lead *
(Tape and Reel)
PA
= Plastic DIP (300 mil Body), 8-lead
* MSOP package is only available in E-Temp.
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
TC1413COA:
3A
Single
MOSFET
driver, SOIC package,
0°C to +70°C.
b)
TC1413CPA:
3A
Single
MOSFET
driver, PDIP package,
0°C to +70°C.
c)
TC1413EUA713:Tape
and
Reel,
3A
Single MOSFET driver,
MSOP package,
-40°C to +85°C.
a)
TC1413NCPA:
3A
Single
MOSFET
driver, PDIP package,
0°C to +70°C.
b)
TC1413NEPA:
3A
Single
MOSFET
driver, PDIP package,
-40°C to +85°C.
c)
TC1413NEUA:
3A
Single
MOSFET
driver, MSOP package,
-40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com