Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST38VF6402 Datasheet(PDF) 18 Page - Microchip Technology

Part # SST38VF6402
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 Datasheet(HTML) 18 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 14Page - Microchip Technology SST38VF6402 Datasheet HTML 15Page - Microchip Technology SST38VF6402 Datasheet HTML 16Page - Microchip Technology SST38VF6402 Datasheet HTML 17Page - Microchip Technology SST38VF6402 Datasheet HTML 18Page - Microchip Technology SST38VF6402 Datasheet HTML 19Page - Microchip Technology SST38VF6402 Datasheet HTML 20Page - Microchip Technology SST38VF6402 Datasheet HTML 21Page - Microchip Technology SST38VF6402 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
©2015
DS-20005015B
08/15
18
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Not Recommended for New Designs
Protection Settings Register (PSR)
The Protection Settings Register (PSR) is a user-programmable register that allows for further custom-
ization of the SST38VF6401/6402/6403/6404 protection features. The 16-bit PSR provides four One
Time Programmable (OTP) bits for users, each of which can be programmed individually. However,
once an OTP bit is programmed to ‘0’, the value cannot be changed back to a ‘1’. The other 12 bits of
the PSR are reserved. See Table 8 for the definition of all 16-bits of the PSR.
Note that DQ4, DQ2, DQ1, DQ0 do not have to be programmed at the same time. In addition, DQ2 and
DQ1 cannot both be programmed to ‘0’. The valid combinations of states of DQ2 and DQ1 are shown in
Table 9.
The PSR can be accessed by issuing the PSR Entry command. Users can then use the PSR Program
and PSR Read commands. The PSR Exit command must be issued to leave this mode. See Table 11
for further details.
Table 8: PSR Bit Definitions
Bit
Default from Factory
Definition
DQ15-DQ5
FFFh
Reserved
DQ4
1
VPB power-up / hardware reset state
0 = all protected
1 = all unprotected
DQ3
1
Reserved
DQ2
1
Password mode
0 = Password only mode
1 = Pass-Through mode
DQ1
1
Pass-Through mode
0 = Pass-Through only mode
1 = Pass-Through mode
DQ0
1
SEC ID Lock Out Bit
0 = locked
1 = unlocked
T8.0 20005015
Table 9: Valid DQ2 and DQ1 Combinations
Combination
Definition
DQ2, DQ1 = 11
Pass-Through mode (factory default)
DQ2, DQ1 = 10
Pass-Through only mode
DQ2, DQ1 = 01
Password only mode
DQ2, DQ1 = 00
Not Allowed
T9.0 20005015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com