Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF032B Datasheet(PDF) 1 Page - Microchip Technology

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B Datasheet(HTML) 1 Page - Microchip Technology

  SST25VF032B Datasheet HTML 1Page - Microchip Technology SST25VF032B Datasheet HTML 2Page - Microchip Technology SST25VF032B Datasheet HTML 3Page - Microchip Technology SST25VF032B Datasheet HTML 4Page - Microchip Technology SST25VF032B Datasheet HTML 5Page - Microchip Technology SST25VF032B Datasheet HTML 6Page - Microchip Technology SST25VF032B Datasheet HTML 7Page - Microchip Technology SST25VF032B Datasheet HTML 8Page - Microchip Technology SST25VF032B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
©2015
DS20005071B
04/15
EOL Data Sheet
www.microchip.com
Features
• Single Voltage Read and Write Operations
– 2.7-3.6V
• Serial Interface Architecture
– SPI Compatible: Mode 0 and Mode 3
• High Speed Clock Frequency
– Up to 80 MHz
• Superior Reliability
– Endurance: 100,000 Cycles
– Greater than 100 years Data Retention
• Low Power Consumption:
– Active Read Current: 10 mA (typical)
– Standby Current: 5 µA (typical)
• Flexible Erase Capability
– Uniform 4 KByte sectors
– Uniform 32 KByte overlay blocks
– Uniform 64 KByte overlay blocks
• Fast Erase and Byte-Program:
– Chip-Erase Time: 35 ms (typical)
– Sector-/Block-Erase Time: 18 ms (typical)
– Byte-Program Time: 7 µs (typical)
• Auto Address Increment (AAI) Word Programming
– Decrease total chip programming time over Byte-Pro-
gram operations
• End-of-Write Detection
– Software polling the BUSY bit in Status Register
– Busy Status readout on SO pin
• Hold Pin (HOLD#)
– Suspends a serial sequence to the memory
without deselecting the device
• Write Protection (WP#)
– Enables/Disables the Lock-Down function of the status
register
• Software Write Protection
– Write protection through Block-Protection bits in status
register
• Temperature Range
– Industrial: -40°C to +85°C
• Packages Available
– 8-lead SOIC (200 mils)
– 8-contact WSON (5 X 6 mm)
• All devices are RoHS compliant
32 Mbit SPI Serial Flash
SST25VF032B
SST 25 series Serial Flash family features a four-wire, SPI-compatible interface
that allows for a low pin-count package which occupies less board space and
ultimately lowers total system costs. The SST25VF032B devices are enhanced
with
improved
operating
frequency
which
lowers
power
consumption.
SST25VF032B SPI serial flash memories are manufactured with SST's propri-
etary, high-performance CMOS SuperFlash technology. The split-gate cell
design and thick-oxide tunneling injector attain better reliability and manufactur-
ability compared with alternate approaches.
Obsolete Device
Please contact Microchip Sales for replacement information.


Similar Part No. - SST25VF032B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF032B SST-SST25VF032B Datasheet
735Kb / 28P
32 Mbit SPI Serial Flash
SST25VF032B SST-SST25VF032B Datasheet
746Kb / 28P
32 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B Datasheet
3Mb / 31P
32 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25VF032B-50-4C-S2AF SST-SST25VF032B-50-4C-S2AF Datasheet
735Kb / 28P
32 Mbit SPI Serial Flash
SST25VF032B-50-4C-SCF SST-SST25VF032B-50-4C-SCF Datasheet
735Kb / 28P
32 Mbit SPI Serial Flash
More results

Similar Description - SST25VF032B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
1 Mbit SPI Serial Flash
SST25VF010A SST-SST25VF010A Datasheet
292Kb / 25P
1 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
8 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
4 Mbit SPI Serial Flash
SST25VF032B SST-SST25VF032B Datasheet
735Kb / 28P
32 Mbit SPI Serial Flash
SST25VF032B SST-SST25VF032B_10 Datasheet
746Kb / 28P
32 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_11 Datasheet
3Mb / 31P
32 Mbit SPI Serial Flash
2011 Silicon
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
320Kb / 33P
32 Mbit SPI Serial Flash
2011 Silicon
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
2 Mbit SPI Serial Flash
2013 04/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com