Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LP19E Datasheet(PDF) 18 Page - Microchip Technology

Part # SST12LP19E
Description  2.4 GHz High-Gain, High-Efficiency Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP19E Datasheet(HTML) 18 Page - Microchip Technology

Back Button SST12LP19E Datasheet HTML 14Page - Microchip Technology SST12LP19E Datasheet HTML 15Page - Microchip Technology SST12LP19E Datasheet HTML 16Page - Microchip Technology SST12LP19E Datasheet HTML 17Page - Microchip Technology SST12LP19E Datasheet HTML 18Page - Microchip Technology SST12LP19E Datasheet HTML 19Page - Microchip Technology SST12LP19E Datasheet HTML 20Page - Microchip Technology SST12LP19E Datasheet HTML 21Page - Microchip Technology SST12LP19E Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
©2014
DS70005041D
08/14
18
2.4 GHz High-Gain, High-Efficiency Power Amplifier
SST12LP19E
Data Sheet
Figure 18:Typical Schematic for 6-Contact XSON (QX6) and 6-contact X2SON(NR) for
High-Power Applications
Figure 19:Typical Schematic for 6-Contact XSON (QX6) and 6-contact X2SON(NR) for
High-Efficiency Applications
1423 F17.0
VCC
12 nH
0.1µF
50
Ω
RFIN
RFOUT
100 pF
50
Ω
VREG
R1 = 200
Ω
12LP19E
1.5x1.5 6L XSON
Top View
3
2
1
4
5
6
Vdet
1.0 nH
0.1µF
0.1µF
4.7 µF
1.8 pF
100 pF
Test conditions:
VCC = 3.3 V
VREG = 2.85 V
1423 F18.0
VCC
12 nH
0.1µF
50
Ω
RFIN
RFOUT
100 pF
50
Ω
VREG
R1 = 360
Ω
3
2
1
4
5
6
Vdet
1.0 nH
0.1µF
0.1µF
4.7 µF
1.5 pF
12LP19E
1.5x1.5 6L XSON
Top View
100 pF
Test conditions:
VCC = 3.3 V
VREG = 2.85 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com