Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LF02-QXCE Datasheet(PDF) 13 Page - Microchip Technology

Part # SST12LF02-QXCE
Description  2.4 GHz WLAN High-Gain, High-Efficiency FEM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF02-QXCE Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST12LF02-QXCE Datasheet HTML 9Page - Microchip Technology SST12LF02-QXCE Datasheet HTML 10Page - Microchip Technology SST12LF02-QXCE Datasheet HTML 11Page - Microchip Technology SST12LF02-QXCE Datasheet HTML 12Page - Microchip Technology SST12LF02-QXCE Datasheet HTML 13Page - Microchip Technology SST12LF02-QXCE Datasheet HTML 14Page - Microchip Technology SST12LF02-QXCE Datasheet HTML 15Page - Microchip Technology SST12LF02-QXCE Datasheet HTML 16Page - Microchip Technology SST12LF02-QXCE Datasheet HTML 17Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
©2015
DS-70005001D
01/15
13
2.4 GHz WLAN High-Gain, High-Efficiency FEM
SST12LF02
Data Sheet
Figure 10:PAE versus Output Power
Figure 11:Detector Characteristics versus Output Power
1418 F7.1
PAE versus Output Power
9
101112
131415161718
19
20
21
22
23
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
1418 F8.1
Detector Voltage versus Output Power
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz
012
3456
7
8
9 10 11121314 15161718 19 20 21 22 23 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com