Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS2596 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS2596
Description  Internal compensation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2596 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS2596 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 8Page - Advanced Monolithic Systems AMS2596 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AMS2596
3A 30V Step-Down Converter
3/4/2010
www.advanced-monolithic.com
Phone (925) 443-0722
2
Fax (925) 443-0723
Pin Description
TO-263
TO-220
TO-252
Pin#
SOIC-8
Pin#
Symbol
Description
1
4
VIN
Input supply pin. Connect a capacitor between this pin and ground.
2
5, 6
LX
Switching node - connect an inductor between this pin and the output
capacitor.
3, tab
7, 8
GND
Ground connection.
4
1
FB
Feedback pin. Connect this pin to the center tab of the resistor divider.
5
2
EN
Enable pin. Logic high shuts the device down and consumes 50µA of
current. When connected to logic low, the device will resume normal
operation. This pin should not be floating.
N/A
3
NC
No connect.
9
GND
(PADDLE)
Ground paddle to be connected to PCB ground plane.
Pin Configuration
8L SOIC
SO Package (S)
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com