Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS2596S Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS2596S
Description  Internal compensation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2596S Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS2596S Datasheet HTML 1Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 2Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 3Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 4Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 5Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 6Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 7Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 8Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
T
3/4/2010
Typical Ch
-1
-0.5
0
0.5
1
5
Outp
0
0.3
0.6
0.9
1.2
0
Step
aracteristi
10
15
Input Vo
put Voltage E
Vout = 5
0.7
1.4
Cur
p-Down Conv
Saturation V
Ta
M
cs
20
25
oltage Vin (V)
Error vs. Inpu
5V, Iout=2A
2.1
rrent (A)
verter Power
Voltage Vin=
amb = 25⁰ C
ounted on Eva
www.adv
S
30
35
)
ut Voltage
2.8
3.5
r Switch
=12V
al. Board
vanced-mono
5
-
-
3A
olithic.com
120
140
160
180
200
-45
-
A
Switc
Vari
-1.60
-0.80
0.00
0.80
1.60
-50
-
Out
A
A 30V Step
-10
25
Ambient Tem
ching Freque
ation Vout=5V
-10
30
Ambient Tem
tput Voltage T
AMS2
p-Down Co
Phone (925)
Fax (925)
60
95
mperature (ºC
ency Temper
V, Vin=12V, Io
70
110
mperature (ºC
Temperature
Iout=0
V out=5
2596
onverter
443-0722
443-0723
5
130
C)
rature
o=1A
0
150
C)
Variation
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com