Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5202 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC5202
Description  Dual 100 mA Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5202 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC5202 Datasheet HTML 7Page - Microchip Technology MIC5202 Datasheet HTML 8Page - Microchip Technology MIC5202 Datasheet HTML 9Page - Microchip Technology MIC5202 Datasheet HTML 10Page - Microchip Technology MIC5202 Datasheet HTML 11Page - Microchip Technology MIC5202 Datasheet HTML 12Page - Microchip Technology MIC5202 Datasheet HTML 13Page - Microchip Technology MIC5202 Datasheet HTML 14Page - Microchip Technology MIC5202 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
 2016 Microchip Technology Inc.
DS20005614A-page 11
MIC5202
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
Package Type
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1VOUT1
Output of regulator 1.
2
GND1
Ground pin of LDO1.
3VOUT2
Output of regulator 2.
4
GND2
Ground pin of LDO2.
5
EN2
Enable input for LDO2. Active-high Input. Logic-high = On, logic-low = Off. Do not
leave floating.
6VIN2
Voltage input for LDO2.
7
EN1
Enable input for LDO1. Active-high Input. Logic-high = On, logic-low = Off. Do not
leave floating.
8VIN1
Voltage input for LDO1.
MIC5202
8-Pin SOIC (M)
(Top View)
VOUT1
1
2
3
8
7
6
GND1
VOUT2
VIN2
EN1
VIN1
5
EN2
4
GND2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com