Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2505 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC2505
Description  Single 2A/Dual 1A High-Side Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2505 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC2505 Datasheet HTML 5Page - Microchip Technology MIC2505 Datasheet HTML 6Page - Microchip Technology MIC2505 Datasheet HTML 7Page - Microchip Technology MIC2505 Datasheet HTML 8Page - Microchip Technology MIC2505 Datasheet HTML 9Page - Microchip Technology MIC2505 Datasheet HTML 10Page - Microchip Technology MIC2505 Datasheet HTML 11Page - Microchip Technology MIC2505 Datasheet HTML 12Page - Microchip Technology MIC2505 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005579A-page 9
MIC2505/6
FIGURE 2-7:
On-State Supply Current vs.
Supply Voltage.
FIGURE 2-8:
Off-State Supply Current vs.
Supply Voltage.
FIGURE 2-9:
Control Threshold vs.
Supply Voltage.
FIGURE 2-10:
On-State Supply Current vs.
Temperature.
FIGURE 2-11:
Off-State Supply Current vs.
Temperature.
FIGURE 2-12:
Control Threshold vs.
Temperature.
0
20
40
60
80
100
120
140
160
180
200
23
456
78
SUPPLY VOLTAGE (V)
0
0.5
1.0
1.5
2.0
23
45
67
8
SUPPLY VOLTAGE (V)
1.0
1.5
2.0
2.5
2345
SUPPLY VOLTAGE (V)
V
CTL RISING
V
CTL FALLING
0
20
40
60
80
100
120
140
160
180
200
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
0
0.5
1.0
1.5
2.0
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
1
1.5
2.0
2.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
V
CTL RISING
V
CTL FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com