Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3647 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3647
Description  Universal Battery Charger for Li-Ion, Ni-MH and Ni-Cd Batteries
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3647 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM3647 Datasheet HTML 3Page - National Semiconductor (TI) LM3647 Datasheet HTML 4Page - National Semiconductor (TI) LM3647 Datasheet HTML 5Page - National Semiconductor (TI) LM3647 Datasheet HTML 6Page - National Semiconductor (TI) LM3647 Datasheet HTML 7Page - National Semiconductor (TI) LM3647 Datasheet HTML 8Page - National Semiconductor (TI) LM3647 Datasheet HTML 9Page - National Semiconductor (TI) LM3647 Datasheet HTML 10Page - National Semiconductor (TI) LM3647 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
www.national.com
Resistor network selection Quick Guide:
4.3.2 Charge Timeout
The LM3647 uses the charge timeout value as a backup ter-
mination method if the normal termination methods fail. The
charge timeout also controls the length of some of the phas-
es, (e.g., the Topping Charge phase). The timeout is select-
able between a charge rate of 3.2C down to 0.4C. The table
below shows R-C values and their resulting timeout.
4.3.3 Charge Current
The charge-current is selected by setting the current sensing
resistor and the gain of the differential amplification stage.
The current sensing resistor (R5) should be dimensioned
such that a voltage drop over it is not too small, because the
signal will be more susceptible to noise and offsets in the am-
plification-stage. The resistance should not be too large ei-
ther (especially in high-current applications), because this
will only generate more heat from the component. A suitable
value is one that develops about 50mV across the resistor
when maximum current flows through it.
The current-sensing signal is amplified, inverted and cen-
tered on the 2.5V reference by the operational amplifier and
fed into the CS pin on the LM3647. The amplification stage
must be dimensioned by setting the appropriate ratio be-
tween R1 (R3) and R2 (R4). The figure below is dimensioned
for a maximum current of about 1.1A. This was dimensioned
using the following formula:
4.3.4 Dimensioning the reset circuitry
The reset-circuitry is designed to hold the RESET-pin until
the power supply to the LM3647 has stabilized. The RC-net-
work (R21 and C4) should be dimensioned in the following
way:
The diode D2 discharges the capacitance C4 when power
loss occurs. The resistor R20 is used to protect the SYSOK-
pin, and its value is not critical (typical value is 2k
Ω). The con-
No. of Cells
Li-Ion (3.6V cell)
Normal
Max
R6
R7
1
3.6V
3.675V
16k
30k
2
7.2V
7.35V
62k
30k
3
10.8V
11.025V
27k
7.5k
4
14.4V
14.7V
22k
3.9k
No. of Cells
Li-Ion (3.7V cell)
Normal
Max
R6
R7
1
3.7V
3.74V
16k
30k
2
7.4V
7.48V
62k
30k
3
11.1V
11.22V
27k
7.5k
4
14.8V
14.96V
22k
3.9k
R Value
C Value
Appropriate Charge Rates
100 k
Ω
internal
3.2C
100 k
Ω
10 nF
2.4C
100 k
Ω
15 nF
1.4C
100 k
Ω
22 nF
1.2C
100 k
Ω
33 nF
0.9C
100 k
Ω
47 nF
0.7C
100 k
Ω
68 nF
0.5C
100 k
Ω
100 nF
0.4C
R1
R2
MaxCurrent
R2
() R1
()
⁄
R5
---------------------------
=
R1
R3
=
R2
R4
=
R2
5.1k
Ω
=
R1
100k
Ω
=
R5
0.047
Ω
=
MaxCurrent
1.09 Ampere
≈
R21
C4
×
() 5xPowerSupplyRiseTime
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com