Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9989 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV9989
Description  Three-Channel CCM/DCM Boost LED Driver with Sub-Microsecond PWM Dimming
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9989 Datasheet(HTML) 5 Page - Microchip Technology

  HV9989 Datasheet HTML 1Page - Microchip Technology HV9989 Datasheet HTML 2Page - Microchip Technology HV9989 Datasheet HTML 3Page - Microchip Technology HV9989 Datasheet HTML 4Page - Microchip Technology HV9989 Datasheet HTML 5Page - Microchip Technology HV9989 Datasheet HTML 6Page - Microchip Technology HV9989 Datasheet HTML 7Page - Microchip Technology HV9989 Datasheet HTML 8Page - Microchip Technology HV9989 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2014 Microchip Technology Inc.
DS20005296B-page 5
HV9989
Gate (GATE1, GATE2 and GATE3)
ISOURCE
Gate short circuit current,
sourcing
20.2
—
—
A
VGATE = 0V
ISINK
Gate sinking current
2
0.4
—
—
A
VGATE = VDD
TRISE
Gate output rise time
—
—
50
85
ns
CGATE = 1.0nF
TFALL
Gate output fall time
—
—
25
45
ns
CGATE = 1.0nF
DMAX
Maximum duty cycle
2
—
91
—
%
—
Over-voltage Protection (OVP1, OVP2 and OVP3)
VOVP,rising Over-voltage rising trip point
1
4.7
—
5.4
V
OVP rising
Current Sense (CS1, CS2 and CS3)
TBLANK
Leading edge blanking
1
210
—
460
ns
—
TDELAY
Delay to GATE
——
—
250
ns
50mV overdrive to the current
sense comparator
Slope Compensation (SC)
CSC(EFF) Effective capacitance
2
0.9
1.0
1.1
nF
—
∆VSC
VDD-to-SC voltage drop
1
1.25
—
3.25
V
RSC = 120kΩ
Internal Transconductance Opamp (Gm1, Gm2 and Gm3)
GB
Gain bandwidth product
2
—
1.0
—
MHz
75pF capacitance at COMP pin
AV
Open loop DC gain
—
65
—
—
dB
Output open
KCOMP
COMP-to-CS divider ratio
2
—
1/12
—
—
—
VCM
Input common-mode range
2
-0.3
—
3.0
V
—
VO
Output voltage range
2
0.7
—
6.75
V
—
Gm
Transconductance
—
500
—
700
μA/V
—
VOFFSET Input offset voltage
—
-5.0
—
5.0
mV
—
IBIAS
Input bias current
2
—
0.5
1.0
nA
—
TR
Recovery delay
2—
120
—
ns
FDBK = 0V, REF = 0.5V,
PWMD rising
Oscillator (CLOCK)
fOSC1
Oscillator frequency
—
—
500
—
kHz
FCLOCK = 6.0MHz
KSW
Oscillator divider ratio
2
—
12
—
-
—
Phi1
GATE1-GATE2 phase delay
2
—
120
—
°
—
Phi1
GATE1-GATE3 phase delay
2
—
240
—
°
—
Oscillator (CLOCK)
TOFF
CLOCK low time
2
50
—
—
ns
—
TON
CLOCK high time
2
50
—
—
ns
—
VCLOCK,HI CLOCK input high
1
2.0
—
—
V
—
VCLOCK,L
O
CLOCK input low
1—
—
0.8
V
—
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED) (SHEET 2 OF 3)1
Symbol
Parameter
Note
Min
Typ
Max
Units Conditions
Note 1:
Applies over the full operating ambient temperature range of 0°C < TA < +85°C.
2:
For design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com