Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7733MPWREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7733MPWREP
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7733MPWREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC7733MPWREP Datasheet HTML 4Page - Texas Instruments TLC7733MPWREP Datasheet HTML 5Page - Texas Instruments TLC7733MPWREP Datasheet HTML 6Page - Texas Instruments TLC7733MPWREP Datasheet HTML 7Page - Texas Instruments TLC7733MPWREP Datasheet HTML 8Page - Texas Instruments TLC7733MPWREP Datasheet HTML 9Page - Texas Instruments TLC7733MPWREP Datasheet HTML 10Page - Texas Instruments TLC7733MPWREP Datasheet HTML 11Page - Texas Instruments TLC7733MPWREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
10
-0.5
9
8
7
6
5
4
3
2
0.5
1.5
2.5
3.5
4.5
5.5
6.5
VDD - Suppl y Voltage - V
1
0
-1
RESIN = VDD = -1 V to 6.5 V
SENSE = GND
CONTROL = GND
CT = Open = 100 pF
TA = 25°C
1.005
-40
1.004
1.003
1.002
1.001
1
0.999
0.998
0.997
-20
0
20
40
60
80
100
120
TA - Temperature - °C
4.5
5
4
3.5
3
2.5
2
1.5
1
0.5
0
-5
-10
-15
-20
-25
-40
IOH - High-Le vel Output Current - mA
0
-0.5
-1
VDD = 4.5 V
RESIN = 4.5 V
SENSE = 0.5 V
CONTROL = 0 V
CT = Open = 100 pF
5
125°C
85°C
25°C
-40 °C
-55 °C
0°C
-30
-35
-5
6
5
4
3
2
0
5
10
15
20
25
30
IOL - Lo w-Level Output Current - mA
1
0
-1
VDD = 4.5 V
RESIN = 4.5 V
SENSE = 5 V
CONTROL = 0 V
CT = Open = 100 pF
-40 °C
-55 °C
125°C
85°C
25°C
0°C
TLC7701-EP, TLC7705-EP, TLC7733-EP
SGLS013E
– MARCH 2003 – REVISED NOVEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
NORMALIZED INPUT THRESHOLD VOLTAGE
SUPPLY CURRENT
vs
vs
TEMPERATURE
SUPPLY VOLTAGE
Figure 4.
Figure 5.
HIGH-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
HIGH-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright
© 2003–2011, Texas Instruments Incorporated
Product Folder Link(s): TLC7701-EP TLC7705-EP TLC7733-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com