Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8091RNAIA Datasheet(PDF) 13 Page - Microchip Technology

Part # KSZ8091RNAIA
Description  10BASE-T/100BASE-TX PHY with RMII and EEE Support
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8091RNAIA Datasheet(HTML) 13 Page - Microchip Technology

Back Button KSZ8091RNAIA Datasheet HTML 9Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 10Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 11Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 12Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 13Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 14Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 15Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 16Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
 2016 Microchip Technology Inc.
DS00002298A-page 13
KSZ8091RNA/RND
3.2.1
RMII SIGNAL DEFINITION
Table 3-1 describes the MII signals. Refer to Clause 22 of the IEEE 802.3 Specification for detailed information.
3.2.1.1
Reference Clock (REF_CLK)
REF_CLK is a continuous 50MHz clock that provides the timing reference for TXEN, TXD[1:0], CRS_DV, RXD[1:0], and
RX_ER.
For RMII – 25 MHz Clock Mode, the KSZ8091RNA/RND generates and outputs the 50 MHz RMII REF_CLK to the MAC
at REF_CLK (Pin 16).
For RMII – 50 MHz Clock Mode, the KSZ8091RNA/RND takes in the 50 MHz RMII REF_CLK from the MAC or system
board at XI (Pin 8) and leaves the REF_CLK (Pin 16) as no connect.
3.2.1.2
Transmit Enable (TXEN)
TXEN indicates that the MAC is presenting dibits on TXD[1:0] for transmission. It is asserted synchronously with the first
dibit of the preamble and remains asserted while all dibits to be transmitted are presented on the RMII. It is negated
before the first REF_CLK following the final dibit of a frame.
TXEN transitions synchronously with respect to REF_CLK.
3.2.1.3
Transmit Data[1:0] (TXD[1:0])
When TXEN is asserted, TXD[1:0] are the data dibits presented by the MAC and accepted by the PHY for transmission.
When TXEN is de-asserted, the MAC drives TXD[1:0] to either 00 for the idle state (non-EEE mode) or 01 for the LPI
state (EEE mode).
TXD[1:0] transitions synchronously with respect to REF_CLK
3.2.1.4
Carrier Sense/Receive Data Valid (CRS_DV)
The PHY asserts CRS_DV when the receive medium is non-idle. It is asserted asynchronously when a carrier is
detected. This happens when squelch is passed in 10 Mbps mode, and when two non-contiguous 0s in 10 bits are
detected in 100 Mbps mode. Loss of carrier results in the de-assertion of CRS_DV.
While carrier detection criteria are met, CRS_DV remains asserted continuously from the first recovered dibit of the
frame through the final recovered dibit. It is negated before the first REF_CLK that follows the final dibit. The data on
RXD[1:0] is considered valid after CRS_DV is asserted. However, because the assertion of CRS_DV is asynchronous
relative to REF_CLK, the data on RXD[1:0] is 00 until receive signals are properly decoded.
3.2.1.5
Receive Data[1:0] (RXD[1:0])
For each clock period in which CRS_DV is asserted, RXD[1:0] transfers a dibit of recovered data from the PHY.
When CRS_DV is de-asserted, the PHY drives RXD[1:0] to either 00 for the idle state (non-EEE mode) or 01 for the LPI
state (EEE mode).
RXD[1:0] transitions synchronously with respect to REF_CLK.
TABLE 3-1:
RMII SIGNAL DEFINITION
RMII Signal
Name
Direction with Respect to
PHY, KSZ8091RNA/RND
Signal
Direction with
Respect to MAC
Description
REF_CLK
Output (25 MHz clock
mode)/
<no connect> (50 MHz
clock mode)
Input/
Input or
<no connect>
Synchronous 50 MHz reference clock for receive,
transmit, and control interface
TXEN
Input
Output
Transmit Enable
TXD[1:0]
Input
Output
Transmit Data[1:0]
CRS_DV
Output
Input
Carrier Sense/Receive Data Valid
RXD[1:0]
Output
Input
Receive Data[1:0]
RXER
Output
Input, or (not
required)
Receive Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com