Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB413 Datasheet(PDF) 9 Page - Motorola, Inc

Part # EB413
Description  Resetting MCUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB413 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button EB413 Datasheet HTML 4Page - Motorola, Inc EB413 Datasheet HTML 5Page - Motorola, Inc EB413 Datasheet HTML 6Page - Motorola, Inc EB413 Datasheet HTML 7Page - Motorola, Inc EB413 Datasheet HTML 8Page - Motorola, Inc EB413 Datasheet HTML 9Page - Motorola, Inc EB413 Datasheet HTML 10Page - Motorola, Inc EB413 Datasheet HTML 11Page - Motorola, Inc EB413 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Engineering Bulletin
Device Controls Its Own Power Off
EB413
MOTOROLA
9
The MCU can perform a number of read and writes to EEPROM or RAM
which could be independently backed up and a good practice is to place
the MCU in low-power stop mode, ensuring first that all outputs are in a
low-current state. This way, the device is in a secure state and ready for
reset to be applied with no risk of a partially completed saving of system
data.
Stop mode is ideal for power down as the port lines are all in a known
state and there is a reset delay time (4064 cycles in most devices) before
the device can resume operation. In this way a slow decay of the VDD
supply poses no problems as long as reset is held low once the VDD
supply passes below the minimum specified for the current clock
frequency.
Device Controls Its Own Power Off
An application that does not have a battery backup but which is required
to save power may switch itself off by activating an external control of the
power supply. Clearly as the power is being switched off, the MCU could
see external pins change state and interpret the signals wrongly. If care
is not taken to place the MCU in a dormant state before the power supply
voltage drops below the safe level for MCU operation, the MCU could
run away and cause a power on to be initiated again.
Partial Power Loss
The only way to protect against failure of the application during partial
power loss is to install a lower voltage detection and reset circuit. Some
MCU devices have these built into the design and these will force the
RESET pin low (active state) to reset the MCU and any other external
devices that use the reset signal.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com