Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9250 Datasheet(PDF) 266 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 266 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 262Page - Microchip Technology LAN9250 Datasheet HTML 263Page - Microchip Technology LAN9250 Datasheet HTML 264Page - Microchip Technology LAN9250 Datasheet HTML 265Page - Microchip Technology LAN9250 Datasheet HTML 266Page - Microchip Technology LAN9250 Datasheet HTML 267Page - Microchip Technology LAN9250 Datasheet HTML 268Page - Microchip Technology LAN9250 Datasheet HTML 269Page - Microchip Technology LAN9250 Datasheet HTML 270Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 421 page
background image
LAN9250
DS00001913A-page 266
 2015 Microchip Technology Inc.
12.2.18.24 PHY PCS Status 1 Register (PHY_PCS_STAT1)
Index (In Decimal): 3.1
Size:
16 bits
Bits
Description
Type
Default
15:12
RESERVED
RO
-
11
TX LPI Received
0 = TX PCS has not received LPI
1 = TX PCS has received LPI
RO/LH
0b
10
RX LPI Received
0 = RX PCS has not received LPI
1 = RX PCS has received LPI
RO/LH
0b
9
TX LPI Indication
0 = TX PCS is not currently receiving LPI
1 = TX PCS is currently receiving LPI
RO
0b
8
RX LPI Indication
0 = RX PCS is not currently receiving LPI
1 = RX PCS is currently receiving LPI
RO
0b
7
RESERVED
RO
-
6
Clock Stop Capable
0 = The MAC cannot stop the clock during Low Power Idle (LPI)
1 = The MAC may stop the clock during LPI
Note:
The device does not support this mode.
RO
0b
5:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com