Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9250 Datasheet(PDF) 63 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 63 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 59Page - Microchip Technology LAN9250 Datasheet HTML 60Page - Microchip Technology LAN9250 Datasheet HTML 61Page - Microchip Technology LAN9250 Datasheet HTML 62Page - Microchip Technology LAN9250 Datasheet HTML 63Page - Microchip Technology LAN9250 Datasheet HTML 64Page - Microchip Technology LAN9250 Datasheet HTML 65Page - Microchip Technology LAN9250 Datasheet HTML 66Page - Microchip Technology LAN9250 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 63
LAN9250
The following sections detail each category of interrupts and their related registers. Refer to the corresponding function’s
chapter for bit-level definitions of all interrupt registers.
8.2.1
1588 INTERRUPTS
Multiple 1588 Time Stamp interrupt sources are provided by the device. The top-level 1588 Interrupt Event
(1588_EVNT) bit of the Interrupt Status Register (INT_STS) provides indication that a 1588 interrupt event occurred in
the 1588 Interrupt Status Register (1588_INT_STS).
The 1588 Interrupt Enable Register (1588_INT_EN) provides enabling/disabling of all 1588 interrupt conditions. The
1588 Interrupt Status Register (1588_INT_STS) provides the status of all 1588 interrupts. These include TX/RX 1588
clock capture indication, 1588 clock capture for GPIO events, as well as 1588 timer interrupt indication.
In order for a 1588 interrupt event to trigger the external IRQ interrupt pin, the desired 1588 interrupt event must be
enabled in the 1588 Interrupt Enable Register (1588_INT_EN), bit 29 (1588_EVNT_EN) of the Interrupt Enable Register
(INT_EN) must be set and the IRQ output must be enabled via the IRQ Enable (IRQ_EN) bit of the of the Interrupt Con-
figuration Register (IRQ_CFG).
For additional details on the 1588 Time Stamp interrupts, refer to Section 14.0, "IEEE 1588," on page 298.
8.2.2
ETHERNET PHY INTERRUPTS
The top-level PHY Interrupt Event (PHY_INT) bit of the Interrupt Status Register (INT_STS) provides indication that a
PHY interrupt event occurred in the PHY Interrupt Source Flags Register (PHY_INTERRUPT_SOURCE).
PHY interrupts are enabled/disabled via their respective PHY Interrupt Mask Register (PHY_INTERRUPT_MASK). The
source of a PHY interrupt can be determined and cleared via the PHY Interrupt Source Flags Register (PHY_INTER-
RUPT_SOURCE). Unique interrupts are generated based on the following events:
• ENERGYON Activated
• Auto-Negotiation Complete
• Remote Fault Detected
• Link Down (Link Status Negated)
FIGURE 8-1:
FUNCTIONAL INTERRUPT HIERARCHY
INT_CFG
INT_STS
INT_EN
Top Level Interrupt Registers
(System CSRs)
Bit 29 (1588_EVNT)
of INT_STS register
PHY_INTERRUPT_SOURCE
PHY_INTERRUPT_MASK
PHY Interrupt Registers
Bit 26 (PHY_INT)
of INT_STS register
PMT_CTRL
Power Management Control Register
Bit 17 (PME_INT)
of INT_STS register
GPIO_INT_STS_EN
GPIO Interrupt Register
Bit 12 (GPIO)
of INT_STS register
1588_INT_STS
1588_INT_EN
1588 Time Stamp Interrupt Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com