Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9250 Datasheet(PDF) 273 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 273 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 269Page - Microchip Technology LAN9250 Datasheet HTML 270Page - Microchip Technology LAN9250 Datasheet HTML 271Page - Microchip Technology LAN9250 Datasheet HTML 272Page - Microchip Technology LAN9250 Datasheet HTML 273Page - Microchip Technology LAN9250 Datasheet HTML 274Page - Microchip Technology LAN9250 Datasheet HTML 275Page - Microchip Technology LAN9250 Datasheet HTML 276Page - Microchip Technology LAN9250 Datasheet HTML 277Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 273
LAN9250
12.2.18.31 PHY EEE Advertisement Register (PHY_EEE_ADV)
Note 22:
This bit is read/write (R/W). However, the user must not set this bit if EEE is disabled.
Note 23:
The default value of this field is determined by the value of the PHY Energy Efficient Ethernet Enable (PHY-
EEEEN) of the PHYEDPD NLP / Crossover Time / EEE Configuration Register (PHY_EDPD_CFG) on page
247. If PHY Energy Efficient Ethernet Enable (PHYEEEEN) is 0b, this field is 0b and 100BASE-TX EEE
capability is not advertised. If PHY Energy Efficient Ethernet Enable (PHYEEEEN) is 1b, then this field is 1b
and 100BASE-TX EEE capability is advertised.
Index (In Decimal): 7.60
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15:2
RESERVED
RO
-
1
100BASE-TX EEE
0 = Do not advertise EEE capability for 100BASE-TX.
1 = Advertise EEE capability for 100BASE-TX.
Note 22
Note 23
0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com