Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9250 Datasheet(PDF) 288 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 288 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 284Page - Microchip Technology LAN9250 Datasheet HTML 285Page - Microchip Technology LAN9250 Datasheet HTML 286Page - Microchip Technology LAN9250 Datasheet HTML 287Page - Microchip Technology LAN9250 Datasheet HTML 288Page - Microchip Technology LAN9250 Datasheet HTML 289Page - Microchip Technology LAN9250 Datasheet HTML 290Page - Microchip Technology LAN9250 Datasheet HTML 291Page - Microchip Technology LAN9250 Datasheet HTML 292Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 421 page
background image
LAN9250
DS00001913A-page 288
 2015 Microchip Technology Inc.
13.3.6.4
Timeout Due to Busy or Arbitration
It is possible for another master to monopolize the bus (due to a continual bus busy or more successful arbitration). If
successful arbitration is not achieved within 1.92 s from the start of the read or write request or from the start of the Poll
Cycle, the command sequence or Poll Cycle is aborted and the EEPROM Controller Timeout (EPC_TIMEOUT) bit in
the EEPROM Command Register (E2P_CMD) is set. Note that this is a total timeout value and not the timeout for any
one portion of the sequence.
13.3.7
I2C MASTER EEPROM CONTROLLER OPERATION
I2C master EEPROM operations are performed using the EEPROM Command Register (E2P_CMD) and EEPROM
Data Register (E2P_DATA).
The following operations are supported:
• READ (Read Location)
• WRITE (Write Location)
• RELOAD (EEPROM Loader Reload - See Section 13.4, "EEPROM Loader")
Note:
The EEPROM Loader uses the READ command only.
The supported commands are detailed in Section 13.5.1, "EEPROM Command Register (E2P_CMD)," on page 295.
Details specific to each operational mode are explained in Section 13.2, "I2C Overview," on page 282 and Section 13.4,
"EEPROM Loader", respectively.
When issuing a WRITE command, the desired data must first be written into the EEPROM Data Register (E2P_DATA).
The WRITE command may then be issued by setting the EEPROM Controller Command (EPC_COMMAND) field of the
EEPROM Command Register (E2P_CMD) to the desired command value. If the operation is a WRITE, the EEPROM
Controller Address (EPC_ADDRESS) field in the EEPROM Command Register (E2P_CMD) must also be set to the
desired location. The command is executed when the EEPROM Controller Busy (EPC_BUSY) bit of the EEPROM Com-
mand Register (E2P_CMD) is set. The completion of the operation is indicated when the EEPROM Controller Busy
(EPC_BUSY) bit is cleared.
When issuing a READ command, the EEPROM Controller Command (EPC_COMMAND) and EEPROM Controller
Address (EPC_ADDRESS) fields of the EEPROM Command Register (E2P_CMD) must be configured with the desired
command value and the read address, respectively. The READ command is executed by setting the EEPROM Control-
ler Busy (EPC_BUSY) bit of the EEPROM Command Register (E2P_CMD). The completion of the operation is indicated
when the EEPROM Controller Busy (EPC_BUSY) bit is cleared, at which time the data from the EEPROM may be read
from the EEPROM Data Register (E2P_DATA).
The RELOAD operation is performed by writing the RELOAD command into the EEPROM Controller Command
(EPC_COMMAND) field of the EEPROM Command Register (E2P_CMD). The command is executed by setting the
EEPROM Controller Busy (EPC_BUSY) bit of the EEPROM Command Register (E2P_CMD). In all cases, the software
must wait for the EEPROM Controller Busy (EPC_BUSY) bit to clear before modifying the EEPROM Command Register
(E2P_CMD).
If an operation is attempted and the EEPROM device does not respond within 30 ms, the device will timeout and the
EEPROM Controller Timeout (EPC_TIMEOUT) bit of the EEPROM Command Register (E2P_CMD) will be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com