Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9250 Datasheet(PDF) 303 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 303 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 299Page - Microchip Technology LAN9250 Datasheet HTML 300Page - Microchip Technology LAN9250 Datasheet HTML 301Page - Microchip Technology LAN9250 Datasheet HTML 302Page - Microchip Technology LAN9250 Datasheet HTML 303Page - Microchip Technology LAN9250 Datasheet HTML 304Page - Microchip Technology LAN9250 Datasheet HTML 305Page - Microchip Technology LAN9250 Datasheet HTML 306Page - Microchip Technology LAN9250 Datasheet HTML 307Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 303
LAN9250
Note:
The UDP checksum calculation does not included layer 2 pad bytes, if any.
If the FCS and checksum tests pass:
• The latency adjusted, 1588 Clock value, saved above at the start of the frame, is recorded into the 1588 Port RX
Ingress Time Seconds Register (1588_RX_INGRESS_SEC) and 1588 Port RX Ingress Time NanoSeconds Reg-
ister (1588_RX_INGRESS_NS).
• The messageType and sequenceId fields and 12-bit CRC of the portIdentity field of the PTP header are recorded
into the Message Type (MSG_TYPE), Sequence ID (SEQ_ID) and Source Port Identity CRC (SRC_PRT_CRC)
fields of the 1588 Port RX Message Header Register (1588_RX_MSG_HEADER).
The 12-bit CRC of the portIdentity field is created by using the polynomial of X12 + X11 + X3 + X2 + X + 1.
• The corresponding maskable 1588 RX Timestamp Interrupt (1588_RX_TS_INT) is set in the 1588 Interrupt Status
Register (1588_INT_STS).
Up to four receive events are saved per port with the count shown in the 1588 RX Timestamp Count (1588_RX-
_TS_CNT[2:0]) field in the 1588 Port Capture Information Register (1588_CAP_INFO). Additional events are not
recorded. When the appropriate 1588 RX Timestamp Interrupt (1588_RX_TS_INT) bit is written as a one to clear, 1588
RX Timestamp Count (1588_RX_TS_CNT[2:0]) will decrement. If there are remaining events, the capture registers will
update to the next event and the interrupt will set again.
PDELAY_REQ INGRESS TIME SAVING
One-step Pdelay_Resp messages sent by the Host, require their correctionField to be calculated on-the-fly to include
the turnaround time between the ingress of the Pdelay_Req and the egress time of the Pdelay_Resp.
The 1588 Port RX Pdelay_Req Ingress Time Seconds Register (1588_RX_PDREQ_SEC) and the 1588 Port RX Pde-
lay_Req Ingress Time NanoSeconds Register (1588_RX_PDREQ_NS) hold the ingress time of the Pdelay_Req mes-
sage.
The 1588 Port RX Pdelay_Req Ingress Correction Field High Register (1588_RX_PDREQ_CF_HI) and the 1588 Port
RX Pdelay_Req Ingress Correction Field Low Register (1588_RX_PDREQ_CF_LOW) hold the correctionField of the
Pdelay_Req message.
These registers can be set by S/W prior to sending the Pdelay_Resp message.
Alternatively, these registers can be updated by the H/W when the Pdelay_Req message is received. This function is
enabled by the Auto Update (AUTO) bit in the 1588 Port RX Pdelay_Req Ingress Time NanoSeconds Register
(1588_RX_PDREQ_NS) independent from the RX PTP Message Type Enable (RX_PTP_MESSAGE_EN[15:0]) bits.
As above (including all applicable notes):
• The versionPTP and domainNumber fields and alternateMasterFlag in the flagField of the PTP header are
checked, if enabled.
Note:
Support for the IEEE 1588-2002 (v1) packet format is not provided.
• At the end of the frame, the frame’s FCS and the UDP checksum (for IPv4 and IPv6 formats) are verified, if
enabled.
If all tests pass, then the Pdelay_Req message information is updated.
14.2.1.4
Ingress Packet Modifications
INGRESS TIME INSERTION INTO PACKETS
As an alternate to reading the receive time stamp from registers and matching it to the correct frame received in the
Host MAC, the saved, latency adjusted, 1588 Clock value can be stored into the packet.
This function is enabled via the RX PTP Insert Timestamp Enable (RX_PTP_INSERT_TS_EN) and RX PTP Insert
Timestamp Seconds Enable (RX_PTP_INSERT_TS_SEC_EN) bits in the 1588 Port RX Timestamp Insertion Configu-
ration Register (1588_RX_TS_INSERT_CONFIG).
Note:
Inserting the ingress time into the packet is an additional, separately enabled, feature verses the Ingress
Time Recording described above. The capture registers are still updated as is the appropriate 1588 RX
Timestamp Interrupt (1588_RX_TS_INT) bit and the 1588 RX Timestamp Count (1588_RX_TS_CNT[2:0])
field.
Following the determination of packet format and qualification of the packet as a PTP message above, the PTP header
is checked for ALL of the following.
• The messageType field of the PTP header is checked and only those messages enabled via the RX PTP Mes-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com