Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECP103D Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # ECP103D
Description  1 Watt, High Linearity InGaP HBT Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP103D Datasheet(HTML) 3 Page - WJ Communication. Inc.

  ECP103D Datasheet HTML 1Page - WJ Communication. Inc. ECP103D Datasheet HTML 2Page - WJ Communication. Inc. ECP103D Datasheet HTML 3Page - WJ Communication. Inc. ECP103D Datasheet HTML 4Page - WJ Communication. Inc. ECP103D Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
October 2004 Rev 1
ECP103
1 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
2450 MHz Application Circuit (ECP103G-PCB2450)
Typical RF Performance at 25
qC
Frequency
2450 MHz
S21 – Gain
10 dB
S11 – Input Return Loss
-14 dB
S22 – Output Return Loss
-10 dB
Output P1dB
+30.5 dBm
Output IP3
(+17 dBm / tone, 1 MHz spacing)
+46 dBm
Noise Figure
7 dB
Device / Supply Voltage
+5 V
Quiescent Current (1)
450 mA
1. This corresponds to the quiescent current or operating current under
small-signal conditions into pins 6, 7, and 8.
S21 vs. Frequency
8
10
12
14
16
18
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
+85°C
-40°C
S11 vs. Frequency
-25
-20
-15
-10
-5
0
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
+85°C
-40°C
S22 vs. Frequency
-25
-20
-15
-10
-5
0
1930
1940
1950
1960 1970 1980 1990
Frequency (MHz)
+25 °C
+85 °C
-40°C
Noise Figure vs. Frequency
0
1
2
3
4
5
6
7
8
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
+85°C
-40°C
P1 dB vs. Frequency
25
27
29
31
33
35
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
+85°C
-40°C
ACPR vs. Channel Power
IS-95, 9 Ch. Fwd. ±885 KHz offset, 30 KHz Meas BW, 1960 MHz
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
15 16 17 18 19 20 21 22 23 24 25 26 27
Output Channel Power (dBm)
+25°C
+85°C
-40°C
OIP3 vs. Frequency
+25°C, 15 dBm / tone
35
40
45
50
55
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
OIP3 vs. Temperature
freq. = 1960, 1961 MHz, +15 dBm
35
39
43
47
51
55
-40
-15
10
35
60
85
Temperature ( °C)
OIP3 vs. Output Power
freq. = 1960, 1961 MHz, +25°C
30
34
38
42
46
50
10
12
14
16
18
20
22
Output Power (dBm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com