Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V72 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP6V72
Description  Portable Instrumentation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V72 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP6V72 Datasheet HTML 10Page - Microchip Technology MCP6V72 Datasheet HTML 11Page - Microchip Technology MCP6V72 Datasheet HTML 12Page - Microchip Technology MCP6V72 Datasheet HTML 13Page - Microchip Technology MCP6V72 Datasheet HTML 14Page - Microchip Technology MCP6V72 Datasheet HTML 15Page - Microchip Technology MCP6V72 Datasheet HTML 16Page - Microchip Technology MCP6V72 Datasheet HTML 17Page - Microchip Technology MCP6V72 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
MCP6V71/1U/2/4
DS20005385B-page 14
 2015 Microchip Technology Inc.
Note:
Unless otherwise indicated, TA =+25°C, VDD = +2V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =20kΩ to VL and CL = 30 pF.
2.4
Input Noise and Distortion
FIGURE 2-38:
Input Noise Voltage Density
and Integrated Input Noise Voltage vs.
Frequency.
FIGURE 2-39:
Input Noise Voltage Density
vs. Input Common Mode Voltage.
FIGURE 2-40:
Intermodulation Distortion
vs. Frequency with VCM Disturbance (see
Figure 1-6).
FIGURE 2-41:
Intermodulation Distortion
vs. Frequency with VDD Disturbance
(see Figure 1-6).
FIGURE 2-42:
Input Noise vs. Time with
1 Hz and 10 Hz Filters and VDD =2V.
FIGURE 2-43:
Input Noise vs. Time with
1 Hz and 10 Hz Filters and VDD =5.5V.
1
10
100
1000
1
10
100
1000
1.E+0
1.E+1
1.E+2
1.E+3
1.E+4
1.E+5
Frequency (Hz)
e
ni
E
ni(0 Hz to f)
V
DD = 5.5V, green
V
DD = 2V, blue
1
10
100
1k
10k
100k
0
5
10
15
20
25
30
35
-0.5 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
Common Mode Input Voltage (V)
V
DD = 2.0V
V
DD = 5.5V
f < 2 kHz
1.E-2
1.E-1
1.E+0
1.E+1
1.E+2
1.E+3
1.E+0
1.E+1
1.E+2
1.E+3
1.E+4
1.E+5
Frequency (Hz)
1
10
100
1k
10k
100k
1m
100µ
10µ
1µ
100n
10n
G = 11 V/V
V
CM tone = 100 mVPK, f = 1 kHz
DC tone
Residual
1 kHz tone
(due to resistor
mismatch)
f = 64 Hz
f = 2 Hz
V
DD = 2.0V
V
DD = 5.5V
1.E-2
1.E-1
1.E+0
1.E+1
1.E+2
1.E+3
1.E+0
1.E+1
1.E+2
1.E+3
1.E+4
1.E+5
Frequency (Hz)
1
10
100
1k
10k
100k
1m
100µ
10µ
1µ
100n
10n
G = 11 V/V
V
CM tone = 100 mVPK, f = 1 kHz
DC tone
Residual
1 kHz tone
(due to resistor
mismatch)
f = 64 Hz
f = 2 Hz
V
DD = 2.0V
V
DD = 5.5V
0
102030405060708090
100
Time (s)
V
DD = 2V
NPBW = 10 Hz
NPBW = 1 Hz
0
102030405060708090
100
Time (s)
V
DD = 5.5V
NPBW = 10 Hz
NPBW = 1 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com