Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V74 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6V74
Description  Portable Instrumentation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V74 Datasheet(HTML) 4 Page - Microchip Technology

  MCP6V74 Datasheet HTML 1Page - Microchip Technology MCP6V74 Datasheet HTML 2Page - Microchip Technology MCP6V74 Datasheet HTML 3Page - Microchip Technology MCP6V74 Datasheet HTML 4Page - Microchip Technology MCP6V74 Datasheet HTML 5Page - Microchip Technology MCP6V74 Datasheet HTML 6Page - Microchip Technology MCP6V74 Datasheet HTML 7Page - Microchip Technology MCP6V74 Datasheet HTML 8Page - Microchip Technology MCP6V74 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
MCP6V71/1U/2/4
DS20005385B-page 4
 2015 Microchip Technology Inc.
Input Bias Current and Impedance
Input Bias Current
IB
-50
±1
+50
pA
Input Bias Current across
Temperature
IB
—+20
—
pA
TA = +85°C
IB
0
+0.2
+1.5
nA
TA = +125°C (Note 3)
Input Offset Current
IOS
-250
±60
+250
pA
Input Offset Current across
Temperature
IOS
—±50
—
pA
TA = +85°C
IOS
-800
±50
+800
pA
TA = +125°C (Note 4)
Common Mode Input Impedance
ZCM
—1013||6
—
Ω||pF
Differential Input Impedance
ZDIFF
—1013||6
—
Ω||pF
Common Mode
Common Mode
Input Voltage Range Low
VCML
——
VSS  0.2
V
(Note 2)
Common Mode
Input Voltage Range High
VCMH VDD +0.3
—
—
V
(Note 2)
Common Mode Rejection Ratio
CMRR
111
122
—
dB
VDD = 2V,
VCM = -0.2V to 2.3V
(Note 2)
CMRR
117
130
—
dB
VDD = 5.5V,
VCM = -0.2V to 5.8V
(Note 2)
Open-Loop Gain
DC Open-Loop Gain (large signal)
AOL
117
132
—
dB
VDD =2V,
VOUT = 0.3V to 1.8V
AOL
126
137
—
dB
VDD =5.5V,
VOUT = 0.3V to 5.3V
Output
Minimum Output Voltage Swing
VOL
VSS
VSS +35 VSS +121
mV
RL =2kΩ, G = +2,
0.5V input overdrive
VOL
—VSS +3.5
—
mV
RL =20 kΩ, G = +2,
0.5V input overdrive
Maximum Output Voltage Swing
VOH
VDD –121 VDD –45
VDD
mV
RL =2kΩ, G = +2,
0.5V input overdrive
VOH
—VDD –4.5
—
mV
RL =20 kΩ, G = +2,
0.5V input overdrive
Output Short Circuit Current
ISC
—±9
—
mA
VDD =2V
ISC
—±26
—
mA
VDD =5.5V
Power Supply
Supply Voltage
VDD
2—
5.5
V
Quiescent Current per Amplifier
IQ
100
170
260
µA
IO = 0
POR Trip Voltage
VPOR
0.9
1.2
1.6
V
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics:
Unless otherwise indicated, TA = +25°C, VDD = +2V to +5.5V, VSS = GND,
VCM = VDD/3,VOUT =VDD/2, VL =VDD/2, RL = 20 kΩ to VL and CL = 30 pF (refer to Figures 1-4 and 1-5).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
For Design Guidance only; not tested.
2:
Figure 2-19 shows how VCML and VCMH changed across temperature for the first production lot.
3:
Parts with date codes prior to September 2015 (week code 27) were screened to a +3 nA maximum limit.
4:
Parts with date codes prior to September 2015 (week code 27) were screened to ±1 nA minimum/maxi-
mum limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com