Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL6213 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL6213
Description  External gain configuration capability
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6213 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL6213 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL6213 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL6213 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6213 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6213 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6213 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6213 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6213 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BL6213
http://www.belling.com.cn
- 4 -
Total 8 Pages
NOTE: Absolute Maximum Ratings indicate limits
beond which damage to the device may occur.
Operating Rating indicate conditions for which the
device is functional, but do not guarantee specific
performance limits.
Electrical Characteristics
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified.
Limits apply for TA = 25℃.
VDD = 5V
Spec
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIN = 0V, 8 Load
3.6
8
mA
IDD
Quiescent
Power
Supply
Current
VIN = 0V, No Load
3.3
7
mA
ISD
Shutdown Current
VIN=0V, VSHD=GND, No
Load
0.1
2
uA
VSDIH
Shutdown Voltage Input High
1.3
V
VSDIL
Shutdown Voltage Input Low
0.8
V
VOS
Output Offset Voltage
-50
6
50
mV
THD+N
Total
Harmonic
Distortion+Noise
Po=0.5Wrms,
f=1KHz,
0.13
%
PO
Output Power
THD+N<=1%,
f=1KHz,
8
Load
0.9
1.2
W
Input terminated with 10 ,
VDDRIPPLE=0.2VP-P, f=217Hz
55
68
dB
PSRR
Power Supply Rejection Ratio
Input terminated with 10 ,
VDDRIPPLE=0.2VP-P, f=1KHz
55
65
dB
TWU
Wake-up time
150
ms
VDD = 3V
Spec
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIN = 0V, 8 Load
3.0
7
mA
IDD
Quiescent
Power
Supply
Current
VIN = 0V, No Load
2.6
6
mA
ISD
Shutdown Current
VIN=0V, VSHD=GND, No
Load
0.1
2
uA
VSDIH
Shutdown Voltage Input High
1.1
V
VSDIL
Shutdown Voltage Input Low
0.6
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com