Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP633 Datasheet(PDF) 58 Page - Microchip Technology

Part # MCP633
Description  Unity-Gain Stable
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP633 Datasheet(HTML) 58 Page - Microchip Technology

Back Button MCP633 Datasheet HTML 52Page - Microchip Technology MCP633 Datasheet HTML 53Page - Microchip Technology MCP633 Datasheet HTML 54Page - Microchip Technology MCP633 Datasheet HTML 55Page - Microchip Technology MCP633 Datasheet HTML 56Page - Microchip Technology MCP633 Datasheet HTML 57Page - Microchip Technology MCP633 Datasheet HTML 58Page - Microchip Technology MCP633 Datasheet HTML 59Page - Microchip Technology MCP633 Datasheet HTML 60Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
MCP631/2/3/4/5/9
DS20002197C-page 58
 2009-2014 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
-X
/XX
Package
Temperature
Range
Device
Device:
MCP631
Single Op Amp
MCP631T
Single Op Amp (Tape and Reel)
(SOIC, SOT-23, TDFN)
MCP632
Dual Op Amp
MCP632T
Dual Op Amp (Tape and Reel)
(DFN and SOIC)
MCP633
Single Op Amp with CS
MCP633T
Single Op Amp with CS (Tape and Reel)
(SOIC, SOT-23)
MCP634
Quad Op Amp
MCP634T
Quad Op Amp (Tape and Reel)
(TSSOP and SOIC)
MCP635
Dual Op Amp with CS
MCP635T
Dual Op Amp with CS (Tape and Reel)
(DFN and MSOP)
MCP639
Quad Op Amp
MCP639T
Quad Op Amp (Tape and Reel)
(QFN)
Temperature
Range:
E
= -40°C to +125°C
Package:
OT = Plastic Small Outline (SOT-23), 5-lead
CHY = Plastic Small Outline (SOT-23), 6-lead
MNY= Plastic Dual Flat, No Lead (2x3 TDFN), 8-lead
MF = Plastic Dual Flat, No Lead (3×3 DFN),
8-lead, 10-lead
SN = Plastic Small Outline (3.90 mm), 8-lead
UN = Plastic Micro Small Outline (MSOP), 10-lead
SL = Plastic Small Outline, Narrow, (3.90 mm SOIC),
14-lead
ST = Plastic Thin Shrink Small Outline, (4.4 mm TSSOP),
14-lead
ML = Plastic Quad Flat, No Lead Package (4x4 QFN),
(4x4x0.9 mm), 16-lead
Examples:
a)
MCP631T-E/OT: Tape and Reel
Extended temperature,
5LD SOT-23 package
b)
MCP631T-E/MNY:Tape and Reel
Extended temperature,
8LD TDFN package
c)
MCP631T-E/SN: Tape and Reel
Extended temperature,
8LD SOIC package
d)
MCP632T-E/MF: Tape and Reel
Extended temperature,
8LD DFN package
e)
MCP632T-E/SN: Tape and Reel
Extended temperature,
8LD SOIC package
f)
MCP633T-E/SN: Tape and Reel
Extended temperature,
8LD SOIC package
g)
MCP633T-E/CHY: Tape and Reel
Extended temperature,
6LD SOT package
h)
MCP634T-E/SL: Tape and Reel
Extended temperature,
14LD SOIC package
i)
MCP634T-E/ST: Tape and Reel
Extended temperature,
14LD TSSOP package
j)
MCP635T-E/MF: Tape and Reel
Extended temperature,
10LD DFN package
k)
MCP635T-E/UN: Tape and Reel
Extended temperature,
10LD MSOP package
l)
MCP639T-E/ML: Tape and Reel
Extended temperature,
16LD QFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com