Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP651 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP651
Description  Unity-Gain Stable
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP651 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP651 Datasheet HTML 18Page - Microchip Technology MCP651 Datasheet HTML 19Page - Microchip Technology MCP651 Datasheet HTML 20Page - Microchip Technology MCP651 Datasheet HTML 21Page - Microchip Technology MCP651 Datasheet HTML 22Page - Microchip Technology MCP651 Datasheet HTML 23Page - Microchip Technology MCP651 Datasheet HTML 24Page - Microchip Technology MCP651 Datasheet HTML 25Page - Microchip Technology MCP651 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
MCP651/1S/2/3/4/5/9
DS20002146D-page 22
 2009-2014 Microchip Technology Inc.
4.0
APPLICATIONS
The MCP651/1S/2/3/4/5/9 family of self-zeroed op
amps is manufactured using Microchip’s state-of-the-
art CMOS process. It is designed for low-cost, low-
power and high-precision applications. Its low supply
voltage, low quiescent current and wide bandwidth
makes the MCP651/1S/2/3/4/5/9 ideal for battery-
powered applications.
4.1
Calibration and Chip Select
These op amps include circuitry for dynamic calibration
of the offset voltage (VOS).
4.1.1
mCal CALIBRATION CIRCUITRY
The internal mCal circuitry, when activated, starts a
delay timer (to wait for the op amp to settle to its new
bias point), then calibrates the input offset voltage
(VOS). The mCal circuitry is triggered at power-up (and
after some power brown-out events) by the internal
POR, and by the memory’s Parity Detector. The power-
up time, when the mCal circuitry triggers the calibration
sequence, is 200 ms (typical).
4.1.2
CAL/CS PIN
The CAL/CS pin gives the user a means to externally
demand a Low-Power mode of operation, then to
calibrate VOS. Using the CAL/CS pin makes it possible
to correct VOS as it drifts over time (1/f noise and aging;
see Figure 2-35) and across temperature.
The CAL/CS pin performs two functions: it places the
op amp(s) in a Low-Power mode when it is held high,
and starts a calibration event (correction of VOS) after a
rising edge.
While in the Low-Power mode, the quiescent current is
quite small (ISS = -3 µA, typical). The output is also in a
High Z state.
During the calibration event, the quiescent current is
near, but smaller than, the specified quiescent current
(6 mA, typical). The output continues in the High Z
state, and the inputs are disconnected from the
external circuit, to prevent internal signals from
affecting circuit operation. The op amp inputs are
internally connected to a Common mode voltage buffer
and feedback resistors. The offset is corrected (using a
digital state machine, logic and memory), and the
calibration constants are stored in memory.
Once the calibration event is completed, the amplifier is
reconnected to the external circuitry. The turn-on time,
when calibration is started with the CAL/CS pin, is 3 ms
(typical).
There is an internal 5 M
 pull-down resistor tied to the
CAL/CS pin. If the CAL/CS pin is left floating, the
amplifier operates normally.
For the MCP655 dual and the MCP659 quad, there is
an additional constraint on toggling the two CAL/CS
pins close together; see the t
CON specification in
Table 1-3. If the two pins are toggled simultaneously, or
if they are toggled separately with an adequate delay
between them (greater than t
CON), then the CAL/CS
inputs are accepted as valid. If one of the two pins
toggles while the other pin’s calibration routine is in
progress, then an invalid input occurs and the result is
unpredictable.
4.1.3
INTERNAL POR
This part includes an internal Power-On Reset (POR)
to protect the internal calibration memory cells. The
POR monitors the power supply voltage (VDD). When
the POR detects a low VDD event, it places the part into
the Low-Power mode of operation. When the POR
detects a normal VDD event, it starts a delay counter,
then triggers an calibration event. The additional delay
gives a total POR turn-on time of 200 ms (typical); this
is also the power-up time (since the POR is triggered at
power-up).
4.1.4
PARITY DETECTOR
A parity error detector monitors the memory contents
for any corruption. In the rare event that a parity error is
detected (e.g., corruption from an alpha particle), a
POR event is automatically triggered. This will cause
the input offset voltage to be re-corrected, and the op
amp will not return to normal operation for a period of
time (the POR turn-on time, tPON).
4.1.5
CALIBRATION INPUT PIN
A VCAL pin is available in some options (e.g., the single
MCP651) for those applications that need the
calibration to occur at an internally driven Common
mode voltage other than VDD/3.
Figure 4-1 shows the reference circuit that internally
sets the op amp’s Common mode reference voltage
(VCM_INT) during calibration (the resistors are
disconnected from the supplies at other times). The
5k
 resistor provides over-current protection for the
buffer.
FIGURE 4-1:
Common-Mode Reference’s
Input Circuitry.
To op amp during
VCAL
BUFFER
5k
300 k
150 k
VSS
VDD
calibration
VCM_INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com