Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1810 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1810
Description  Energy Harvesting
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1810 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1810 Datasheet HTML 15Page - Microchip Technology MCP1810 Datasheet HTML 16Page - Microchip Technology MCP1810 Datasheet HTML 17Page - Microchip Technology MCP1810 Datasheet HTML 18Page - Microchip Technology MCP1810 Datasheet HTML 19Page - Microchip Technology MCP1810 Datasheet HTML 20Page - Microchip Technology MCP1810 Datasheet HTML 21Page - Microchip Technology MCP1810 Datasheet HTML 22Page - Microchip Technology MCP1810 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
 2016 Microchip Technology Inc.
DS20005623A-page 19
MCP1810
4.0
DEVICE OVERVIEW
The MCP1810 is a 150 mA/100 mA output current, low
dropout (LDO) voltage regulator. The low dropout
voltage of 380 mV maximum at 150 mA of current
makes it ideal for battery-powered applications. The
input voltage ranges from 2.5V to 5.5V. The MCP1810
adds a shutdown-control input pin and is available in
six standard fixed-output voltage options: 1.2V, 1.8V,
2.5V, 3.0V, 3.3V and 4.2V. It uses a proprietary voltage
reference and sensing scheme to maintain the
ultra-low 20 nA quiescent current.
4.1
Output Current and Current
Limiting
The MCP1810 LDO is tested and ensured to supply a
minimum of 150 mA of output current for the
1.2V-to-3.5V output range, and 100 mA of output
current for the 3.5V-to-4.2V output range. The device
has no minimum output load, so the output load current
can go to 0 mA and the LDO will continue regulating
the output voltage within the specified tolerance.
The MCP1810 also incorporates an output current limit.
The current limit is set to 350 mA typical for the
1.2V
 VR ≤ 3.5V range, and to 250 mA typical for the
3.5V
 VR  5.5V range.
4.2
Output Capacitor
The MCP1810 requires a minimum output capacitance
of 1 µF for output voltage stability. Ceramic capacitors
are recommended because of their size, cost and
robust environmental qualities.
Aluminum-electrolytic and tantalum capacitors can be
used on the LDO output as well. The output capacitor
should be located as close to the LDO output as is
practical. Ceramic materials X7R and X5R have low
temperature coefficients and are well within the
acceptable ESR range required. A typical 1 µF X7R
0805 capacitor has an ESR of 50 m
.
For extreme output currents - below 100 µA or close to
150 mA/100 mA - an output capacitor with higher ESR
(tantalum, aluminum-electrolytic) is recommended.
Ceramic output capacitor may be used if a 0.5
 to 1
resistor is placed in series with the capacitor.
4.3
Input Capacitor
Low input-source impedance is necessary for the LDO
output to operate properly. When operating from
batteries, or in applications with long lead length
(> 10 inches) between the input source and the LDO,
some input capacitance is recommended. A minimum
of 1.0 µF to 4.7 µF of capacitance is recommended for
most applications.
For
applications
that
have
output
step
load
requirements, the input capacitance of the LDO is very
important.
The
input
capacitance
provides
a
low-impedance source of current for the LDO to use for
dynamic load changes. This allows the LDO to respond
quickly to the output load step. For good step-response
performance, the input capacitor should be equivalent
or higher value than the output capacitor. The capacitor
should be placed as close to the input of the LDO as is
practical. Larger input capacitors will also help reduce
any high-frequency noise on the input and output of the
LDO, as well as the effects of any inductance that
exists between the input source voltage and the input
capacitance of the LDO.
4.4
Shutdown Input (SHDN)
The SHDN input is an active-low input signal that turns
the LDO on and off. The SHDN threshold is a
percentage of the input voltage. The maximum
input-low logic level is 30% of VIN and the minimum
high logic level is 70% of VIN.
On the rising edge of the SHDN input, the shutdown
circuitry has a 20 ms (typical) delay before allowing the
LDO output to turn on. This delay helps to reject any
false turn-on signal or noise on the SHDN input signal.
After the 20 ms delay, the LDO output enters its
current-limited soft-start period as it rises from 0V to its
final regulation value. If the SHDN input signal is pulled
low during the 20 ms delay period, the timer will be
reset and the delay time will start over again on the next
rising edge of the SHDN input. The total time from the
SHDN input going high (turn-on) to the LDO output
being in regulation is typically 20 ms. Figure 4-1 shows
a timing diagram of the SHDN input.
FIGURE 4-1:
Shutdown Input Timing
Diagram.
SHDN
VOUT
20 ms
10 µs
TOR
20 ns (typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com