Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4812 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP4812
Description  SPI Interface with 20 MHz Clock Support
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4812 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP4812 Datasheet HTML 3Page - Microchip Technology MCP4812 Datasheet HTML 4Page - Microchip Technology MCP4812 Datasheet HTML 5Page - Microchip Technology MCP4812 Datasheet HTML 6Page - Microchip Technology MCP4812 Datasheet HTML 7Page - Microchip Technology MCP4812 Datasheet HTML 8Page - Microchip Technology MCP4812 Datasheet HTML 9Page - Microchip Technology MCP4812 Datasheet HTML 10Page - Microchip Technology MCP4812 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
 2010-2015 Microchip Technology Inc.
DS20002249B-page 7
MCP4802/4812/4822
FIGURE 1-1:
SPI Input Timing Data.
TEMPERATURE CHARACTERISTICS
CS High Time
tCSH
15
—
—
ns
Note 1
LDAC Pulse Width
tLD
100
—
—
ns
Note 1
LDAC Setup Time
tLS
40
—
—
ns
Note 1
SCK Idle Time before CS Fall
tIDLE
40
—
—
ns
Note 1
Electrical Specifications: Unless otherwise indicated, VDD = +2.7V to +5.5V, VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Note 1
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-MSOP
JA
—211
—
°C/W
Thermal Resistance, 8L-PDIP
JA
—90
—
°C/W
Thermal Resistance, 8L-SOIC
JA
—150
—
°C/W
Note 1:
The MCP4802/4812/4822 devices operate over this extended temperature range, but with reduced
performance. Operation in this range must not cause T
J to exceed the maximum junction temperature
of +150°C.
AC CHARACTERISTICS (SPI TIMING SPECIFICATIONS)
Electrical Specifications: Unless otherwise indicated, VDD = 2.7V – 5.5V, TA= -40 to +125°C.
Typical values are at +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
This parameter is ensured by design and not 100% tested.
CS
SCK
SDI
LDAC
tCSSR
tHD
tSU
tLO
tCSH
tCHS
LSb in
MSb in
tIDLE
Mode 1,1
Mode 0,0
tHI
tLD
tLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com