Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP9600 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP9600
Description  Four Programmable Temperature Alert Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9600 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP9600 Datasheet HTML 4Page - Microchip Technology MCP9600 Datasheet HTML 5Page - Microchip Technology MCP9600 Datasheet HTML 6Page - Microchip Technology MCP9600 Datasheet HTML 7Page - Microchip Technology MCP9600 Datasheet HTML 8Page - Microchip Technology MCP9600 Datasheet HTML 9Page - Microchip Technology MCP9600 Datasheet HTML 10Page - Microchip Technology MCP9600 Datasheet HTML 11Page - Microchip Technology MCP9600 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
MCP9600
DS20005426B-page 8
 2015-2016 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground, SDA/SCL pulled-up to VDD and
TA = -40°C to +125°C.
FIGURE 2-7:
Typical Temperature
Accuracy from NIST ITS-90 Database, Type S.
FIGURE 2-8:
Typical Temperature
Accuracy from NIST ITS-90 Database, Type R.
FIGURE 2-9:
Typical Temperature
Accuracy from NIST ITS-90 Database, Type E.
FIGURE 2-10:
Temperature Sensitivity with
18-Bit Resolution, Type S.
FIGURE 2-11:
Temperature Sensitivity with
18-Bit Resolution, Type R.
FIGURE 2-12:
Temperature Sensitivity with
18-Bit Resolution, Type E.
-0.50
-0.25
0.00
0.25
0.50
-200
300
800
1300
1800
T Temperature, ITS-90 Database (°C)
Type S
Specified Range
-0.50
-0.25
0.00
0.25
0.50
-200
300
800
1300
1800
T Temperature, ITS-90 Database (°C)
Type R
Specified Range
-0.50
-0.25
0.00
0.25
0.50
-200
300
800
1300
1800
T Temperature, ITS-90 Database (°C)
Type E
0.000
0.250
0.500
-200
300
800
1300
1800
T Temperature, ITS-90 Database (°C)
Type S
Specified Range
0.000
0.250
0.500
-200
300
800
1300
1800
T Temperature, ITS-90 Database (°C)
Type R
Specified Range
0.000
0.250
0.500
-200
300
800
1300
1800
T Temperature, ITS-90 Database (°C)
Type E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com