Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC113X Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # SC113X
Description  Combination switching controller and low dropout regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SC113X Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  SC113X Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SC113X Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. SC113X Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. SC113X Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. SC113X Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. SC113X Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD. SC113X Datasheet HTML 7Page - SEMTECH ELECTRONICS LTD. SC113X Datasheet HTML 8Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image

   
       
   
   
 !" # 

B ,* A
DB# ?B
B ,* A
DB# B

I/(),!*( % +,!(. %4% +,/ %

 ,* H

,* +.% %4% +,/ %
D
 ,* H

%+1 *"1% !(. %4% +,/ %

#  -%)
θ
$% 4+" %-!-,+()%# I/(),!*( ,* +-%
J&
θ
$% 4+" %-!-,+()%# I/(),!*( ,* 42!%(,
J&

FG B KB K B 7.L B KB #  <
FG 4- /"-%
FG !(!4/4 !(/,&*/,/, 7*",+.% %5/! %1 ,* 4+!(,+!( @ %./"+,!*(
F'G  K +,%1 "*+1 )/ %(, % * 1% !(. !(6* 4+,!*(
  
    
B K BL B K BL A K   K BL B K B % +"!)+,!*( )! )/!, /("%-- *,$% 0!-% -%)!6!%1
 

!


 
" 

*,+" M/!%-)%(, / %(,
!(%+ */, K * *+1
J


4
B
%6% %()% B*",+.%
J



B
DJ

?
%. *+1 %./"+,!*(
J

@
%. !(% %./"+,!*(
J

@
 
 E  !7% */ )% B*",+.% B D  L  K 
J

B
 !  E  !7% !(3 B*",+.%
 D L K 
J

B
6
-)!""+,* E %5/%()8
J



3 <
1)
/,8 8)"% F4+9!4/4G
J


@
 

!


 
" 
B
/,/, B*",+.%
B K B#  K
J
?


B
B K '?DB#  K 4 ,*  DJ'


%. *+1 %./"+,!*(
B K B  K 4 ,* 
J

@
D

%. !(% %./"+,!*(
B K '?DB#  K
J

@
D


/ %(, !4!,
J
H


!"% %N%),!*(

B K B#  K&
J


1

$% 4+" %./"+,!*(
 
J


@&J
B
 **/, B*",+.%

 K
# # 
J


B
'
J

'
B
!(!4/4 B
 K
# # 
J


B
'
J

'
  
B K BL B K BL A K   K BL B K B % +"!)+,!*( )! )/!, /("%-- *,$% 0!-% -%)!6!%1
  



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com