Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6324 Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6324
Description  16-Bits Stereo Audio DAC Low Power Consumption
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6324 Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6324 Datasheet HTML 1Page - MOSA ELECTRONICS MS6324 Datasheet HTML 2Page - MOSA ELECTRONICS MS6324 Datasheet HTML 3Page - MOSA ELECTRONICS MS6324 Datasheet HTML 4Page - MOSA ELECTRONICS MS6324 Datasheet HTML 5Page - MOSA ELECTRONICS MS6324 Datasheet HTML 6Page - MOSA ELECTRONICS MS6324 Datasheet HTML 7Page - MOSA ELECTRONICS MS6324 Datasheet HTML 8Page - MOSA ELECTRONICS MS6324 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MOSA
MS6324/26
16-Bits Stereo Audio DAC
REV 2
3/13
www.mosanalog.com
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Positive Supply Voltage
6.5
V
VESD
Electrostatic Handling
-2000 to 2000
V
TSTG
Storage Temperature Range
-65 to 150
℃
TA
Operating Ambient Temperature Range
-40 to 85
℃
TJ
Maximum Junction Temperature
150
℃
TS
Soldering Temperature, 10 seconds
260
℃
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
SOP8
MSOP8
DFN8
175
235
120
℃/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
2.5
-
6.5
V
6V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=6V, f=1kHz, Cap=1uF; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
VCAP
Voltage at Cap
2.95
3
3.05
V
VDC
Output DC level
2.95
3
3.05
V
VFS
Full scale output voltage
VFS=0.5VDD
2.8
3
3.2
Vpp
IQ
Quiescent current
At code 0000H
-
3
-
mA
IFS
Maximum operation current
VFS=0.5VDD
-
3.2
-
mA
PSRR
Power supply rejection ratio
Cap=1uF, f=100Hz
44
49
-
dB
Cap=10uF, f=100Hz
59
63
-
dB
CS
Channel separation
89
94
-
dB
AC Characteristics
Res
Resolution
-
-
16
bits
THD+N
Total harmonic distortion plus
noise
-
-68
-63
dB
-
0.04
0.068
%
S/N
Signal-to-noise ratio
89
95
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com