Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEE02F48 Datasheet(PDF) 2 Page - Astec America, Inc

Part # AEE02F48
Description  Industry standard package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEE02F48 Datasheet(HTML) 2 Page - Astec America, Inc

  AEE02F48 Datasheet HTML 1Page - Astec America, Inc AEE02F48 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
3
Ordering Information
www.astec.com
Rev:July 03
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Efficiency
Model Number
Voltage
Voltage
18-36 V
3.3 @ 2.5 A
76%
AEE02F24
18-36 V
5.0 @ 2.0 A
78%
AEE02A24
18-36 V
8.0 @ 1.25A
78%
AEE01L24
18-36 V
12.0 @ 0.84 A
82%
AEE00B24
18-36 V
15.0 @ 0.67 A
82%
AEE00C24
36-72 V
3.3 @ 2.5 A
77%
AEE02F48
36-72 V
5.0 @ 2.0 A
79%
AEE02A48
36-72 V
8.0 @ 1.25 A
77%
AEE01L48
36-72 V
12.0 @ 0.84 A
84%
AEE00B48
36-72 V
15.0 @ 0.67 A
86%
AEE00C48
Notes:
1. 20 MHz bandwidth. An external 0.1 uf ceramic capacitor
is recommended to be placed from +V out to comm.
2. All specifications are typical at nominal line, full load,
and 25°C unless otherwise noted.
3. All specifications subject to change without notice.
4. Mechanical drawings are for reference only.
Mechanical Dimensions and Pin Assignments



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com