Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEW01CC48 Datasheet(PDF) 35 Page - Astec America, Inc

Part # AEW01CC48
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC48 Datasheet(HTML) 35 Page - Astec America, Inc

Back Button AEW01CC48 Datasheet HTML 31Page - Astec America, Inc AEW01CC48 Datasheet HTML 32Page - Astec America, Inc AEW01CC48 Datasheet HTML 33Page - Astec America, Inc AEW01CC48 Datasheet HTML 34Page - Astec America, Inc AEW01CC48 Datasheet HTML 35Page - Astec America, Inc AEW01CC48 Datasheet HTML 36Page - Astec America, Inc AEW01CC48 Datasheet HTML 37Page - Astec America, Inc AEW01CC48 Datasheet HTML 38Page - Astec America, Inc AEW01CC48 Datasheet HTML 39Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
35
2.2 input over/under voltage shutdown
z The module has input over/under voltage protection.
z When the input power is below 65%~75% rated input voltage, the input
under-voltage protection active, output is cut off. There is a 1-2V hysteresis
between the under-voltage shutdown point and restart up point.
z When the input power is up than 150%~159% rated input voltage, the input
over-voltage protection active, output is cut off. There is a 1-3V hysteresis
between the over-voltage shutdown point and restart up point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com