Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4510AET Datasheet(PDF) 13 Page - STMicroelectronics

Part # STW4510AET
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510AET Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STW4510AET Datasheet HTML 9Page - STMicroelectronics STW4510AET Datasheet HTML 10Page - STMicroelectronics STW4510AET Datasheet HTML 11Page - STMicroelectronics STW4510AET Datasheet HTML 12Page - STMicroelectronics STW4510AET Datasheet HTML 13Page - STMicroelectronics STW4510AET Datasheet HTML 14Page - STMicroelectronics STW4510AET Datasheet HTML 15Page - STMicroelectronics STW4510AET Datasheet HTML 16Page - STMicroelectronics STW4510AET Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Functional description
13/57
3
Functional description
3.1
Introduction
The STw4510 integrates supplies for the processor cores and associated peripherals
●
Two step down DC/DC converters
–
Vsdc1 (programmable start-up and 1.2V default value), programmable via I2C
interface, for the processor cores (
Table 18)
–
Vsdc2, 1.8 V, for the Input/Output supply of all the system devices and for all
peripherals which require 1.8 V supply (
Table 19)
●
Five low drop regulators for general purposes.
–
Four of them, Vana(i) (i=1 to 3) and Vdig can be used for critical features like PLL
or analog and digital processor peripherals. These low-drop regulator output
voltage values are programmable through Vdig_sel [n] and Vana(i)_sel[j] pads
connected to Vbat or to ground.
Table 5 shows the available output voltages. The
electrical characteristics are listed in
Table 20, Table 21 and Table 22.
–
The last one is Vmmc and can supply different feature and in particular SD/MMC
card. This regulator is completely controlled via the I2C interface.
Table 6 shows
the available output voltages. The electrical characteristics are indicated in
Table 21.
Table 5.
Low drop regulator output voltage programmable values
LDO
I (mA)
Output voltage values (V)
1.0
1.2
1.5
1.8
2.5
2.8
3.0
3.3
Vdig
250
X(1)
(100mA)
1.
X means available output voltage value.
XX
Vana1
150
X
X
X
X
Vana2
150
X
X
X
X
Vana3
150
X
X
X
X
Table 6.
Vmmc low drop regulator output voltage
LDO
I (mA)
Output voltage values (V)
1.8
2.5
2.85
3.0
Vmmc
150
X(1)
1.
X means available output voltage value.
XX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com