Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPer100A Datasheet(PDF) 14 Page - STMicroelectronics

Part # VIPer100A
Description  SMPS PRIMARY I.C.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPer100A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VIPer100A Datasheet HTML 10Page - STMicroelectronics VIPer100A Datasheet HTML 11Page - STMicroelectronics VIPer100A Datasheet HTML 12Page - STMicroelectronics VIPer100A Datasheet HTML 13Page - STMicroelectronics VIPer100A Datasheet HTML 14Page - STMicroelectronics VIPer100A Datasheet HTML 15Page - STMicroelectronics VIPer100A Datasheet HTML 16Page - STMicroelectronics VIPer100A Datasheet HTML 17Page - STMicroelectronics VIPer100A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14/23
VIPer100/SP - VIPer100A/ASP
TRANSCONDUCTANCE ERROR AMPLIFIER
The VIPer100/100A includes a transconductance
error amplifier. Transconductance Gm is the
change in output current (ICOMP) versus change in
input voltage (VDD). Thus:
The output impedance ZCOMP at the output of this
amplifier (COMP pin) can be defined as:
This last equation shows that the open loop gain
AVOL can be related to Gm and ZCOMP:
AVOL = Gm x ZCOMP
where Gm value for VIPer100/100A is 1.5 mA/V
typically.
Gmis well defined by specification, but ZCOMP and
therefore AVOL are subject to large tolerances. An
impedance Z can be connected between the
COMP pin and ground in order to define more
accurately the transfer function F of the error
amplifier, according to the following equation, very
similar to the one above:
F(S) = Gm x Z(S)
The error amplifier frequency response is reported
in figure 10 for different values of a simple
resistance connected on the COMP pin. The
unloaded transconductance error amplifier shows
an internal ZCOMP of about 330 KΩ. More complex
impedance can be connected on the COMP pin to
achieve different compensation laws. A capacitor
will provide an integrator function, thus eliminating
the DC static error, and a resistance in series
leads to a flat gain at higher frequency, insuring a
correct phase
margin. This
configuration is
illustrated on figure 18.
As shown in figure 18 an additional noise filtering
capacitor of 2.2 nF is generally needed to avoid
any high frequency interference.
It can be also interesting to implement a slope
compensation when working in continuous mode
with duty cycle higher than 50%. Figure 19 shows
such a configuration. Note that R1 and C2 build
the classical compensation network, and Q1 is
injecting the slope compensation with the correct
polarity from the oscillator sawtooth.
EXTERNAL CLOCK SYNCHRONIZATION:
The
OSC
pin
provides
a
synchronisation
capability,
when
connected
to
an
external
frequency source. Figure 20 shows one possible
schematic to be adapted depending the specific
needs. If the proposed schematic is used, the
pulse duration must be kept at a low value (500ns
is sufficient) for minimizing consumption. The
optocoupler must be able to provide 20mA through
the optotransistor.
PRIMARY PEAK CURRENT LIMITATION
The primary IDPEAK current and, as resulting
effect, the output power can be limited using the
simple circuit shown in figure 21. The circuit based
on Q1, R1 and R2 clamps the voltage on the
G
m
∂I
COMP
∂V
DD
------------------------
=
Z
COMP
∂V
COMP
∂I
COMP
---------------------------
1
m
G
---------
∂V
COMP
∂V
DD
---------------------------
×
==
Figure 16: Mixed Soft Start and Compensation
Figure 17: Latched Shut Down
AUXILIARY
WINDING
-
+
13V
OSC
COMP
SOURCE
DRAIN
VDD
U1
VIPER100
R1
C1
+ C2
D1
R2
R3
D2
D3
+ C3
FC00131
C4
-
+
13V
OSC
COMP
SOURCE
DRAIN
VDD
VIPER100
Shutdown
U1
Q1
Q2
R1
R2
R3
R4
D1
FC00110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com