| Electronic Components Datasheet Search |
|
ACCL-9410 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACCL-9410 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 9 page ![]() Avago Technologies - 2 - ACCL-9410 Data Sheet Ordering Information Ordering Information To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Solder Reflow Profile Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-Halide Flux should be used. Regulatory Information Pending approval by the following organizations: UL Pending UL1577, component recognition program Truth Table H - high level. L - Low level, X - insignificant Part number Channel Configuration Option RoHS Compliant Package Surface Mount Tape & Reel Quantity ACCL-9410 Quad, Bi-directional, 3/1 -000E Narrow Body SOIC-16 X 50 per tube -500E X X 1000 per reel Input Supply VDD Input Output Supply VDD Output Enable Output Remark H H H H or Open H Input logic High during normal operation. H L H H or Open L Input logic Low during normal operation. H X H L Z Output is at high impedance state when output Enable is set Low L X H H or Open H When input VDD is not powered, the output default is logic High. X X L X Indeterminate When output VDD is not powered, the output goes into indeterminate state. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |