Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM384 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM384
Description  5W Audio Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM384 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM384 Datasheet HTML 1Page - National Semiconductor (TI) LM384 Datasheet HTML 2Page - National Semiconductor (TI) LM384 Datasheet HTML 3Page - National Semiconductor (TI) LM384 Datasheet HTML 4Page - National Semiconductor (TI) LM384 Datasheet HTML 5Page - National Semiconductor (TI) LM384 Datasheet HTML 6Page - National Semiconductor (TI) LM384 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM384
5W Audio Power Amplifier
General Description
The LM384 is a power audio amplifier for consumer applica-
tion. In order to hold system cost to a minimum, gain is inter-
nally fixed at 34 dB. A unique input stage allows inputs to be
ground
referenced.
The
output
is
automatically
self-centering to one half the supply voltage.
The output is short-circuit proof with internal thermal limiting.
The package outline is standard dual-in-line. A copper lead
frame is used with the center three pins on either side com-
prising a heat sink. This makes the device easy to use in
standard p-c layout.
Uses include simple phonograph amplifiers, intercoms, line
drivers, teaching machine outputs, alarms, ultrasonic driv-
ers, TV sound systems, AM-FM radio, sound projector sys-
tems, etc. See AN-69 for circuit details.
Features
n Wide supply voltage range
n Low quiescent power drain
n Voltage gain fixed at 50
n High peak current capability
n Input referenced to GND
n High input impedance
n Low distortion
n Quiescent output voltage is at one half of the supply
voltage
n Standard dual-in-line package
Schematic Diagram
DS007843-3
February 1995
© 1999 National Semiconductor Corporation
DS007843
www.national.com


Similar Part No. - LM384

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
LM384 SYC-LM384 Datasheet
398Kb / 8P
LM384 5W Audio Power Amplifier
logo
Texas Instruments
LM384 TI2-LM384 Datasheet
439Kb / 12P
LM384 5W Audio Power Amplifier
REVISED APRIL 2013
LM384 TI2-LM384 Datasheet
439Kb / 12P
LM384 5W Audio Power Amplifier
REVISED APRIL 2013
logo
HTC Korea TAEJIN Techno...
LM3842A HTC-LM3842A Datasheet
120Kb / 6P
CURRENT MODE PWM CONTROLLER
LM3842A HTC-LM3842A Datasheet
120Kb / 6P
CURRENT MODE PWM CONTROLLER
More results

Similar Description - LM384

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1116 NTE-NTE1116 Datasheet
23Kb / 2P
Integrated Circuit Audio Power Amplifier, 5W
NTE1365 NTE-NTE1365 Datasheet
23Kb / 2P
Integrated Circuit Audio Power Amplifier, 5W
logo
Panasonic Semiconductor
AN7131 PANASONIC-AN7131 Datasheet
200Kb / 4P
5W AUDIO POWER AMPLIFIER CIRCUIT
logo
NTE Electronics
NTE862 NTE-NTE862 Datasheet
76Kb / 2P
Integrated Circuit Audio Power Amplifier, 5W
logo
Panasonic Semiconductor
AN7140 PANASONIC-AN7140 Datasheet
37Kb / 2P
5W Audio Power Amplifier Circuit
logo
NTE Electronics
NTE1098 NTE-NTE1098 Datasheet
80Kb / 2P
Integrated Circuit Audio Power Amplifier, 5W
logo
Texas Instruments
LM384N TI1-LM384N Datasheet
356Kb / 11P
LM384 5W Audio Power Amplifier
LM384 TI-LM384_15 Datasheet
339Kb / 12P
LM384 5W Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC4158 FUMAN-TC4158 Datasheet
245Kb / 8P
5W Mono Digital Audio Power Amplifier IC
TC6805 FUMAN-TC6805 Datasheet
266Kb / 8P
5W Mono Digital Audio Power Amplifier IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com