Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMT-MYA0 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-MYA0
Description  Available in Warm White color
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-MYA0 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-MYA0 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-MYA0 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-MYA0 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-MYA0 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-MYA0 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-MYA0 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image

Device Selection Guide at Junction Temperature Tj = 25��
���
�olor
Part Number
Luminous Flux, Φv[1,2,3] (lm)
Test �urrent (mA)
Dice Technology
Min
Typ
Max
Warm White
ASMT-MYA0
43.0
50.0
73.0
350
InGaN
Notes:
1. ΦV is the total luminous flux output as measured with an integrating sphere at 25ms mono pulse condition.
2. Flux tolerance is ±10 %
3. ΦV data are only applicable for ASMT-MY00 component level device only.
Part Numbering System
ASMT-M x A0 - N x1 x2 x3 0
Color Bin Selection
Max Flux Bin Selection
Min Flux Bin Selection
Color
Y - Warm White
Absolute Maximum Ratings[3] at TA = 25��
Parameter
ASMT-MYA0
Units
DC Forward Current [1]
350
mA
Peak Pulsing Current []
500
mA
Power Dissipation
1400
mW
LED Junction Temperature
110
°C
Operating Ambient Temperature Range -40 to +85
°C
Storage Temperature Range
-40 to +100
°C
Note:
1. DC forward current – derate linearly based on Figure 5.
2. Pulse condition duty factor = 10%, Frequency = 1kHz.
3. Absolute Maximum Rating data are only applicable for ASMT-MY00
component level device only.
Optical �haracteristics[2] (TA = 25 ��)
Part Number
�olor
�orrelated �olor
Temperature, ��T (Kelvin)
Viewing Angle 2���
���
�� [1]
(Degrees)
Luminous Efficiency (lm/W)
Min
Max
Typ
Typ
ASMT-MYA0
Warm White
600
4000
110
40
Notes:
1. θ½ is the off-axis angle where the luminous intensity is ½ the peak intensity.
2. Optical Characteristics data are only applicable for ASMT-MY00 component level device only.
Electrical �haracteristic[3] (TA = 25��)
Dice Type
Forward Voltage VF (Volts) @ IF = 350mA
Reverse Voltage VR [1]
Thermal Resistance R�j-b (��/W) [2]
Typ
Max.
Typ.
InGaN
3.6
4.0
Not recommended
18
Note:
1. Not designed for reverse bias operation.
2. Rθj-b is Thermal Resistance from LED junction to MCPCB.
3. Electrical Characteristic data are only applicable for ASMT-MY00 component level device only.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com