Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM386 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM386
Description  Low Voltage Audio Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM386 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM386 Datasheet HTML 1Page - National Semiconductor (TI) LM386 Datasheet HTML 2Page - National Semiconductor (TI) LM386 Datasheet HTML 3Page - National Semiconductor (TI) LM386 Datasheet HTML 4Page - National Semiconductor (TI) LM386 Datasheet HTML 5Page - National Semiconductor (TI) LM386 Datasheet HTML 6Page - National Semiconductor (TI) LM386 Datasheet HTML 7Page - National Semiconductor (TI) LM386 Datasheet HTML 8Page - National Semiconductor (TI) LM386 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
(LM386N-1, -3, LM386M-1)
15V
Supply Voltage (LM386N-4)
22V
Package Dissipation (Note 3)
(LM386N)
1.25W
(LM386M)
0.73W
(LM386MM-1)
0.595W
Input Voltage
±0.4V
Storage Temperature
−65˚C to +150˚C
Operating Temperature
0˚C to +70˚C
Junction Temperature
+150˚C
Soldering Information
Dual-In-Line Package
Soldering (10 sec)
+260˚C
Small Outline Package
(SOIC and MSOP)
Vapor Phase (60 sec)
+215˚C
Infrared (15 sec)
+220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Thermal Resistance
θ
JC (DIP)
37˚C/W
θ
JA (DIP)
107˚C/W
θ
JC (SO Package)
35˚C/W
θ
JA (SO Package)
172˚C/W
θ
JA (MSOP)
210˚C/W
θ
JC (MSOP)
56˚C/W
Electrical Characteristics (Notes 1, 2)
T
A = 25˚C
Parameter
Conditions
Min
Typ
Max
Units
Operating Supply Voltage (V
S)
LM386N-1, -3, LM386M-1, LM386MM-1
4
12
V
LM386N-4
518
V
Quiescent Current (I
Q)VS = 6V, VIN = 04
8
mA
Output Power (P
OUT)
LM386N-1, LM386M-1, LM386MM-1
V
S = 6V, RL = 8Ω, THD = 10%
250
325
mW
LM386N-3
V
S = 9V, RL = 8Ω, THD = 10%
500
700
mW
LM386N-4
V
S = 16V, RL = 32Ω, THD = 10%
700
1000
mW
Voltage Gain (A
V)VS = 6V, f = 1 kHz
26
dB
10 µF from Pin 1 to 8
46
dB
Bandwidth (BW)
V
S = 6V, Pins 1 and 8 Open
300
kHz
Total Harmonic Distortion (THD)
V
S = 6V, RL = 8Ω,POUT = 125 mW
0.2
%
f = 1 kHz, Pins 1 and 8 Open
Power Supply Rejection Ratio (PSRR)
V
S = 6V, f = 1 kHz, CBYPASS = 10 µF
50
dB
Pins 1 and 8 Open, Referred to Output
Input Resistance (R
IN)
50
k
Ω
Input Bias Current (I
BIAS)VS = 6V, Pins 2 and 3 Open
250
nA
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 3: For operation in ambient temperatures above 25˚C, the device must be derated based on a 150˚C maximum junction temperature and 1) a thermal resis-
tance of 107˚C/W junction to ambient for the dual-in-line package and 2) a thermal resistance of 170˚C/W for the small outline package.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com