Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM387N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM387N
Description  LM387/LM387A Low Noise Dual Preamplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM387N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM387N Datasheet HTML 1Page - National Semiconductor (TI) LM387N Datasheet HTML 2Page - National Semiconductor (TI) LM387N Datasheet HTML 3Page - National Semiconductor (TI) LM387N Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLH7845
March 1987
LM387LM387A Low Noise Dual Preamplifier
General Description
The LM387 is a dual preamplifier for the amplification of low
level signals in applications requiring optimum noise per-
formance Each of the two amplifiers is completely indepen-
dent with an internal power supply decoupler-regulator pro-
viding 110 dB supply rejection and 60 dB channel separa-
tion Other outstanding features include high gain (104 dB)
large output voltage swing (VCC b 2V)p-p and wide power
bandwidth (75 kHz 20 Vp-p) The LM387A is a selected
version of the LM387 that has lower noise in a NAB tape
circuit and can operate on a larger supply voltage The
LM387 operates from a single supply across the wide range
of 9V to 30V the LM387A operates on a supply of 9V to
40V
The amplifiers are internally compensated for gains greater
than 10 The LN387 LM387A is available in an 8-lead dual-
in-line package The LM387 LM387A is biased like the
LM381 See AN-64 and AN-104
Features
Y
Low noise
10 mV total input noise
Y
High gain
104 dB open loop
Y
Single supply operation
Y
Wide supply range LM387
9 to 30V
LM387A
9 to 40V
Y
Power supply rejection
110 dB
Y
Large output voltage swing (VCC b 2V)p-p
Y
Wide bandwidth 15 MHz unity gain
Y
Power bandwidth 75 kHz 20 Vp-p
Y
Internally compensated
Y
Short circuit protected
Y
Performance similar to LM381
Schematic and Connection Diagrams
TLH7845 – 1
Dual-In-Line Package
TLH7845 – 2
Top View
Order Number LM387N or LM387AN
See NS Package Number N08E
Typical Applications
TLH7845 – 3
FIGURE 1 Flat Gain Circuit (AV e 1000)
TLH7845 – 4
FIGURE 2 NAB Tape Circuit
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM387N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM387 TI1-LM387 Datasheet
370Kb / 6P
Low Noise Dual Preamplifier
logo
National Semiconductor ...
LM3875 NSC-LM3875 Datasheet
1,001Kb / 20P
OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
logo
Texas Instruments
LM3875 TI1-LM3875 Datasheet
835Kb / 29P
LM3875 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
logo
National Semiconductor ...
LM3875T NSC-LM3875T Datasheet
1,001Kb / 20P
OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
LM3875TF NSC-LM3875TF Datasheet
1,001Kb / 20P
OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
More results

Similar Description - LM387N

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1228 NEC-UPC1228 Datasheet
1Mb / 10P
LOW NOISE DUAL PREAMPLIFIER
logo
National Semiconductor ...
CLC5509 NSC-CLC5509 Datasheet
445Kb / 11P
Ultra-Low Noise Preamplifier
LM381 NSC-LM381 Datasheet
130Kb / 6P
LM381/LM381A Low Noise Dual Preamplifier
logo
NTE Electronics
NTE824 NTE-NTE824 Datasheet
20Kb / 2P
Integrated Circuit Low Noise Dual Preamplifier
logo
Hitachi Semiconductor
HA12017 HITACHI-HA12017 Datasheet
494Kb / 6P
LOW NOISE PREAMPLIFIER
logo
List of Unclassifed Man...
QA605 ETC-QA605 Datasheet
58Kb / 2P
Low Noise Preamplifier
logo
STMicroelectronics
TDA3420 STMICROELECTRONICS-TDA3420 Datasheet
171Kb / 5P
DUAL VERY LOW NOISE PREAMPLIFIER
Jun-1988
logo
List of Unclassifed Man...
NE542 ETC1-NE542 Datasheet
267Kb / 4P
DUAL LOW - NOISE PREAMPLIFIER
logo
National Semiconductor ...
LM382 NSC-LM382 Datasheet
163Kb / 3P
Low Noise Dual Preamplifier
logo
Texas Instruments
LM387 TI1-LM387 Datasheet
370Kb / 6P
Low Noise Dual Preamplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com