Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1811G-XX-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1811G-XX-SH2-R
Description  Low Dropout Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1811G-XX-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1811G-XX-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR1811G-XX-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR1811G-XX-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR1811G-XX-SH2-R Datasheet HTML 4Page - Unisonic Technologies LR1811G-XX-SH2-R Datasheet HTML 5Page - Unisonic Technologies LR1811G-XX-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1811
Advance
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R125-039.a
1A FAST ULTRA LOW
DROPOUT LINEAR
REGULATOR
DESCRIPTION
The UTC LR1811 operate from a +1.5V~+6V input supply as fast
ultra low-dropout linear regulators. Wide output voltage range
options are available. The fast response characteristic to make UTC
LR1811
suitable for low voltage microprocessor application. The low
quiescent current operation and low dropout quality caused by the
CMOS process.
The UTC LR1811 has low dropout voltage. The ground pin
current is typically 80μA.
Output Voltage Precision: Multiple output voltage options are
available and ranging from 1.2V~5.0V at room temperature with a
guaranteed accuracy of ±1.5%, and ±3.0% when varying line and
load.
The output voltage types of UTC LR1811 are fixed one in the IC.
FEATURES
* Low Dropout Voltage
* The Guaranteed Output Current is 1A DC
* Output Voltage Accuracy ± 1.5%
* Over temperature Protection And Over current Protection
ORDERING INFORMATION
Ordering Number
Package
Packing
LR1811G-xx-SH2-R
HSOP-8
Tape Reel
Note: xx: Output Voltage, refer to Marking Information
LR1811G-xx-SH2-R
(1)Packing Type
(2)Package Type
(3)Output Voltage
(1) R: Tape Reel
(2) SH2: HSOP-8
(3) xx: Refer to Marking Information
(4) G: Halogen Free and Lead Free
(4)Green Package


Similar Part No. - LR1811G-XX-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18113G-S08-R UTC-LR18113G-S08-R Datasheet
191Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR18115 UTC-LR18115 Datasheet
162Kb / 6P
1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
LR18115G-S08-R UTC-LR18115G-S08-R Datasheet
162Kb / 6P
1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
LR18115G-S08-R UTC-LR18115G-S08-R Datasheet
175Kb / 5P
LINEAR FAN DRIVER
LR18115G-S08-T UTC-LR18115G-S08-T Datasheet
162Kb / 6P
1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
More results

Similar Description - LR1811G-XX-SH2-R

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR6218 LRC-LR6218_15 Datasheet
474Kb / 7P
Low Dropout Voltage
LR6219 LRC-LR6219_15 Datasheet
386Kb / 6P
Low Dropout Voltage
LR6260 LRC-LR6260_15 Datasheet
425Kb / 8P
Low Dropout Voltage
logo
ON Semiconductor
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
logo
Richtek Technology Corp...
RT9070B RICHTEK-RT9070B Datasheet
628Kb / 12P
Low Dropout Voltage
RT9072A RICHTEK-RT9072A Datasheet
676Kb / 13P
Low Dropout Voltage
logo
Unisonic Technologies
LR1812G-XX-AF5-R UTC-LR1812G-XX-AF5-R Datasheet
243Kb / 6P
Low Dropout Voltage
logo
Hotchip Technology Co.,...
AMS1117 HOTCHIP-AMS1117 Datasheet
879Kb / 9P
Low Dropout Voltage
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com