Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF60 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF60
Description  65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF60 Datasheet(HTML) 1 Page - Hirose Electric

  DF60 Datasheet HTML 1Page - Hirose Electric DF60 Datasheet HTML 2Page - Hirose Electric DF60 Datasheet HTML 3Page - Hirose Electric DF60 Datasheet HTML 4Page - Hirose Electric DF60 Datasheet HTML 5Page - Hirose Electric DF60 Datasheet HTML 6Page - Hirose Electric DF60 Datasheet HTML 7Page - Hirose Electric DF60 Datasheet HTML 8Page - Hirose Electric DF60 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF60 Series
2017.1
e
■Features
1. High current capacity
Capable of going to a max. of 65A when using
8 AWG with the single position connector.
(Please refer to the chart for the rated current in
other pin counts.)
2. Secure lock mechanism ensures
complete mating
A secure lock mechanism with a clear tactile and
audible click prevents insufficient mating. (Fig.2)
3. Highly reliable 5-point contact structure
Three independent contact springs provide a
secure contact with high contact reliability using
5-point of contact. (Fig.3)
4. Molded lance design
The lance is actually part of the housing instead of
being part of the terminal. This prevents tangled
wires during assembly.
5. Mis-insertion prevention for headers
The addition of a molded pin on the header allows
temporar y mounting retention and prevents
reverse mounting on the PCB. (Fig.1).
(Right angle pin header has a metal fitting for this
purpose)
6. Prevention of solder cracks
Glass-reinforced resin is used on pin header to
prevent solder cracks due to thermal contraction.
7. Design Prevents short-circuits between
contacts
The wall structure between contacts isolates the
contacts and prevents short circuits from occuring.
(Fig.1)
8. Compliant to UL, C-UL and TÜV specifications
9. Glow Wire compliance(Compliant with IEC
60695-2-11)
[
]
● Lock structure
Fig.1
Fig.2
(UL, C-UL, TÜV certified product)
Three independent spring contacts provide a secure contact and a
high contact reliability with 5-points of contact.
Fig.3


Similar Part No. - DF60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF600R12IP4D INFINEON-DF600R12IP4D Datasheet
1Mb / 9P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4, gr철횩erer Emitter Controlled 4 Diode
2009-08-14 revision:2.2
logo
SanRex Corporation
DF60AA120 SANREX-DF60AA120 Datasheet
91Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF60AA160 SANREX-DF60AA160 Datasheet
91Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF60BA40 SANREX-DF60BA40 Datasheet
91Kb / 2P
DIODE (THREE PHASES BRIDGE TYPE)
DF60BA80 SANREX-DF60BA80 Datasheet
91Kb / 2P
DIODE (THREE PHASES BRIDGE TYPE)
More results

Similar Description - DF60

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
BOARD TO WIRE CONNECTORS
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
BOARD TO WIRE CONNECTORS
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
BOARD TO WIRE CONNECTORS 3.96mm PITCH
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
BOARD TO WIRE CONNECTORS
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
logo
Hirose Electric
DF58 HIROSE-DF58 Datasheet
315Kb / 8P
Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com