Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF62 Datasheet(PDF) 11 Page - Hirose Electric

Part # DF62
Description  2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF62 Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF62 Datasheet HTML 4Page - Hirose Electric DF62 Datasheet HTML 5Page - Hirose Electric DF62 Datasheet HTML 6Page - Hirose Electric DF62 Datasheet HTML 7Page - Hirose Electric DF62 Datasheet HTML 8Page - Hirose Electric DF62 Datasheet HTML 9Page - Hirose Electric DF62 Datasheet HTML 10Page - Hirose Electric DF62 Datasheet HTML 11Page - Hirose Electric DF62 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
DF62 Series / DF62W Series●2 × 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces (UL, C-UL Listed)
■Straight pin Header
*13 pos. shown as an example.
Part No.
HRS No.
No. of
Contacts
AB
C
DF62-13P-2.2DSA(**) 544-0582-0 **
13
11.5
8.8
11.8
DF62-24P-2.2DSA(**) 544-0584-0 **
24
14.5
10.8
13.8
Note 1 : This product is sold per tray (13pos : 100pcs/tray, 24pos : 80pcs/tray), please place orders by tray unit.
Unit : mm
[Specification No.] **
(00) : Tin plating
●Recommended PCB layout
(Recommended thickness t=1.6mm)
■Right Angle pin Header
*13 pos. shown as an example.
Part No.
HRS No.
No. of
Contacts
AB
C
DF62-13P-2.2DS(**)
544-0581-0 **
13
11.5
12.9
19.5
DF62-24P-2.2DS(**)
544-0583-0 **
24
15.4
14.9
23.5
Note 1 : This product is sold per tray (100pcs/tray), please place orders by tray unit.
Unit : mm
[Specification No.] **
(00) : Tin plating
●Recommended PCB layout
(Recommended thickness t=1.6mm)
t=0.47
P=2.2
□0.5
Contact No.1 marking
Contact No. marking
C
Cavity No.
P=2.2
Cavity No.
Contact No. marking
Contact No.1 marking
B
2.6
P=2.2±0.05
4.4±0.05
P=2.2±0.05
6.6±0.05
Outline of the connector
24∞Ø0.8
+0.1
−0
P=2.2±0.05
8.8±0.05
P=2.2±0.05
6.6±0.05
Outline of the connector
13∞Ø0.8
+0.1
−0
[13 pos][24 pos]
P=2.2±0.05
1.945±0.05
4.4±0.05
[13 pos][24 pos]
Outline of the connector
13∞Ø0.9
+0.1
−0
P=2.2±0.05
3.045±0.05
6.6±0.05
Ø3±0.05
4.145±0.05
P=2.2±0.05
8.8±0.05
Outline of the connector
24∞Ø0.9
+0.1
−0
P=2.2±0.05
3.045±0.05
6.6±0.05
Ø3±0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com