Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF63 Datasheet(PDF) 7 Page - Hirose Electric

Part # DF63
Description  15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF63 Datasheet(HTML) 7 Page - Hirose Electric

  DF63 Datasheet HTML 1Page - Hirose Electric DF63 Datasheet HTML 2Page - Hirose Electric DF63 Datasheet HTML 3Page - Hirose Electric DF63 Datasheet HTML 4Page - Hirose Electric DF63 Datasheet HTML 5Page - Hirose Electric DF63 Datasheet HTML 6Page - Hirose Electric DF63 Datasheet HTML 7Page - Hirose Electric DF63 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
DF63 Series●15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
BApplicable Crimping Tool
Type
Part No.
HRS No.
Wire type
Applicable Contacts
Applicator
AP105-DF63-1618S-1
901-4634-1 00
UL1007(Note3)
DF63-1618SCF
DF63-1618SCFA
AP105-DF63-1618S-2
901-4635-4 00
UL1015(Note3)
CHS893400H-UP(Note9)
−
UL1015
AP105-DF63-1618-3
901-4642-0 00
UL1007(Note3)
DF63-1618PCF
DF63-1618PCFA
AP105-DF63-1618-4
901-4643-2 00
UL1015(Note3)
CHS893500H-UP(Note9)
−
UL1015
AP105-DF63-2022-1
901-4617-0 00
UL1007(Note3)
DF63-2022SCF
DF63-2022SCFA
DF63-2022PCF
DF63-2022PCFA
AP105-DF63-2022-2
Under development
UL1015(Note3)
Hand tool
HT802/DF63-1618S-1
550-0411-2 00
UL1007(Note4, 5)
DF63-1618SC
DF63-1618SCA
HT802/DF63-1618S-2
550-0413-8 00
UL1015(Note4, 6)
HT802/DF63-1618P-1
550-0423-1 00
UL1007(Note4, 5)
DF63-1618PC
DF63-1618PCA
HT802/DF63-1618P-2
550-0424-4 00
UL1015(Note4, 6)
HT802/DF63-2022S-1
550-0432-0 00
UL1007(Note4, 7)
DF63-2022SC
DF63-2022SCA
HT802/DF63-2022S-2
Under development
UL1015(Note4, 8)
HT802/DF63-2022P-1
550-0433-0 00
UL1007(Note4, 7)
DF63-2022PC
DF63-2022PCA
HT802/DF63-2022P-2
Under development
UL1015(Note4, 8)
Note 1 : Please conduct crimping work according to the "Crimping work standards" and "Crimping condition table".
Note 2 : Any problems that occur from using tools other than those specified by Hirose, are not covered by warranty.
Note 3 : Applicator dies can be switched to crimp the other wire size and type. The additional dies are sold separately.
Note 4 : Hand tool dies cannot be switched.
Note 5 : The compatible wire is limited to UL1007, 16 to 18 AWG
Note 6 : The compatible wire is limited to UL1015, 16 to 18 AWG
Note 7 : The compatible wire is limited to UL1007, 20 to 22 AWG
Note 8 : The compatible wire is limited to UL1015, 20 to 22 AWG
Note 9 : Applicator manufactured by JAPAN AUTOMATIC MACHINE (J.A.M.). Please access to HP of J.A.M., if you make
inquiries about the applicator or crimp defect. (URL : http://www.jam-net.co.jp)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com