Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT801/DF59M-2628P Datasheet(PDF) 10 Page - Hirose Electric

Part # HT801/DF59M-2628P
Description  2mm Pitch, Multi Functional Connector System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT801/DF59M-2628P Datasheet(HTML) 10 Page - Hirose Electric

Back Button HT801/DF59M-2628P Datasheet HTML 4Page - Hirose Electric HT801/DF59M-2628P Datasheet HTML 5Page - Hirose Electric HT801/DF59M-2628P Datasheet HTML 6Page - Hirose Electric HT801/DF59M-2628P Datasheet HTML 7Page - Hirose Electric HT801/DF59M-2628P Datasheet HTML 8Page - Hirose Electric HT801/DF59M-2628P Datasheet HTML 9Page - Hirose Electric HT801/DF59M-2628P Datasheet HTML 10Page - Hirose Electric HT801/DF59M-2628P Datasheet HTML 11Page - Hirose Electric HT801/DF59M-2628P Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
DF59 Series●2mm Pitch, Multi Functional Connector System (Floating [Board-to-Board], Swing-Lock [Wire-to-Board], Short-Circuit Pin)
Operating Precautions
1. Recommended Temperature Profile
(Lead-free soldering possible)
2. Recommended Hand Solder
Conditions
Soldering iron temperature : 350 ± 10ç, soldering time : within 3 seconds
3. Recommended Screen Thickness,
Open Ratio (Pattern Area Ratio)
Thickness 0.1mm, Open ratio : 100%
4. Warpage of PC board
Maximum of 0.02mm at the connector center, with both ends of the connector
as reference points.
5. Cleaning Condition
Cleaning with IPA is possible. (Cleaning is not recommended. In case of
cleaning, please evaluate if it causes a decrease in the performance which
includes mechanical operation and environmental resistance.)
6. Precautions
■ When inserting crimp-type (solderless) terminals to crimping (solderless)
sockets, to maintain reliable performance, please do not insert obliquely.
■ DO NOT mate/un-mate a non-terminated plug with a non-mounted
receptacles. This may lead to damage or deformation of the contacts.
■ Please note that pulling on the wires or cable during un-mating may cause
damage.
■ DO NOT apply flux to the contact terminals when hand soldering the
receptacle to the board. Flux can wick into the electrical contact areas and
may lead to connection failures.
■ Slight discoloration on the insulating materials will not affect form, fit or
function of the connectors.
■ Please refer to the following for the points for proper handling regarding
mating/unmating operations.
“DF59 Insertion and Removal Manual”
“DF59S Insertion and Removal Manual” ATAD-H0651
“DF59SN Insertion and Removal Manual” ATAD-H0719
“DF59M Operation manual” ATAD-H0779
[Applicable Conditions]
1. Peak Temperature : MAX 250ç
2. Heated Area : 220ç or above, within 60 sec.
3. Pre-heating Area : 150 to 180ç, 90 to 120 sec.
4. Number of Times : within 2 times
*Measured at contact lead area
Please be noted that the reflow condition may vary depending on soldering
paste type, manufacturer of soldering material, board size, as well as conditions
of other mounting materials.
(*1) Above temperature profile is our recommended value.
50
60sec MAX
100
150
200
250
0
PRE-HEATING TIME
SOLDERING TIME
TIME(sec)
90 − 120sec
180ç
220ç
10sec MAX
MAX 250ç



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com