Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT306/DF60-1012 Datasheet(PDF) 4 Page - Hirose Electric

Part # HT306/DF60-1012
Description  65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT306/DF60-1012 Datasheet(HTML) 4 Page - Hirose Electric

  HT306/DF60-1012 Datasheet HTML 1Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 2Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 3Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 4Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 5Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 6Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 7Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 8Page - Hirose Electric HT306/DF60-1012 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
DF60 Series
65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply(UL, C-UL, TÜV certified product)
■Straight pin header
gold plating, tray packaging
Headers with 1 to 4 pos.
Headers with 5 to 6 pos.
3 pos.
5 pos.
Standard Type
Unit : mm
Part No.
HRS No.
No. of Contacts
AB
C
D
E
Quantity per package
Guide key Color
DF60-1P-10.16DSA(27)
680-3004-5 27
1
——
15.2
9.55
12.2
7.78
160
Left
Black
DF60-2P-10.16DSA(27)
680-3005-8 27
2
10.16
22.36
19.71
22.36
17.94
96
DF60-3P-10.16DSA(27)
680-3001-7 27
3
20.32
32.52
29.87
32.52
28.1
64
DF60-4P-10.16DSA(27)
680-3006-0 27
4
30.48
42.68
40.03
42.68
38.26
48
DF60-5P-10.16DSA(27)
680-3007-3 27
5
40.64
52.84
50.19
52.84
48.42
32
DF60-6P-10.16DSA(27)
680-3008-6 27
6
50.8
63
60.35
63
58.58
Standard Type [Color : Red]
Part No.
HRS No.
No. of Contacts
AB
C
D
E
Quantity per package
Guide key Color
DF60-2P-10.16DSA(45)
680-3005-8 45
2
10.16
22.36
19.71
22.36
17.94
96
Left
Red
DF60-3P-10.16DSA(45)
680-3001-7 45
3
20.32
32.52
29.87
32.52
28.1
64
R Type
Part No.
HRS No.
No. of Contacts
AB
C
D
E
Quantity per package
Guide key Color
DF60R-3P-10.16DSA(27)
680-3038-7 27
3
20.32
32.52
29.87
32.52
28.1
64
Right
Gray
Note : Please place orders in full lot quantities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com