Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF63-2428SCF Datasheet(PDF) 4 Page - Hirose Electric

Part # DF63-2428SCF
Description  15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF63-2428SCF Datasheet(HTML) 4 Page - Hirose Electric

  DF63-2428SCF Datasheet HTML 1Page - Hirose Electric DF63-2428SCF Datasheet HTML 2Page - Hirose Electric DF63-2428SCF Datasheet HTML 3Page - Hirose Electric DF63-2428SCF Datasheet HTML 4Page - Hirose Electric DF63-2428SCF Datasheet HTML 5Page - Hirose Electric DF63-2428SCF Datasheet HTML 6Page - Hirose Electric DF63-2428SCF Datasheet HTML 7Page - Hirose Electric DF63-2428SCF Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
DF63 Series●15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
■Crimp Socket
Standard Type
Part No.
HRS No.
No. of Contacts
A
B
DF63-1S-3.96C(**)
680-0508-2 **
1
6.2
−
DF63-2S-3.96C(**)
680-0509-5 **
2
8.36
3.96
DF63-3S-3.96C(**)
680-0502-6 **
3
12.32
7.92
DF63-4S-3.96C(**)
680-0510-4 **
4
16.28
11.88
DF63-5S-3.96C(**)
680-0511-7 **
5
20.24
15.84
DF63-6S-3.96C(**)
680-0512-0 **
6
24.20
19.80
R Type (Guide key)
Part No.
HRS No.
No. of Contacts
A
B
DF63R-1S-3.96C(**)
Under development
1
6.2
−
DF63R-2S-3.96C(**)
680-0523-6 **
2
8.36
3.96
DF63R-3S-3.96C(**)
680-0516-0 **
3
12.32
7.92
DF63R-4S-3.96C(**)
680-0524-9 **
4
16.28
11.88
DF63R-5S-3.96C(**)
Under development
5
20.24
15.84
DF63R-6S-3.96C(**)
6
24.20
19.80
Note 1 : Bag packaging (100 pcs/pack). Order by number of packs.
Polarization
mark
(Note 2)
B
A
P=3.96
8.8
8.8
6.2
Outline of the connector
Lot mark
HRS mark
Polarization mark
A
B
Ø1.4
□
1.14
P=3.96
P=3.96 ± 0.05
1.5 ± 0.05
1.5 ± 0.05
Ø1.8 +0.1
0
Ø1.6 +0.1
0
■Right Angle Header
[Specification number]
**
None : Black
[Specification number]
**
None : White
Standard Type (Color : Black)
Part No.
HRS No.
No. of Contacts
A
B
DF63-1P-3.96DS(**)
Under development
1
6.2
-
DF63-2P-3.96DS(**)
680-0528-0 **
2
8.66
3.96
DF63-3P-3.96DS(**)
680-0527-7 **
3
12.62
7.92
DF63-4P-3.96DS(**)
Under development
4
16.58
11.88
DF63-5P-3.96DS(**)
5
20.54
15.84
DF63-6P-3.96DS(**)
6
24.50
19.80
7.92mm pitch
Part No.
HRS No.
No. of Contacts
A
B
DF63-2P-7.92DS(**)
680-0543-0 **
2
12.62
7.92
DF63R-2P-7.92DS(**)
Under development
DF63-3P-7.92DS(**)
3
20.54
15.84
DF63R-3P-7.92DS(**)
Note 1 : Bag packaging (100 pcs/pack). Order by number of packs.
Note 2 : Please contact Hirose representative if you have request for (01) specification.
[1 pos.]
[2 to 6 pos.]
Unit : mm
Unit : mm
[Specification number]
**
None : Tin plated
(01) : Gold plated



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com