Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLC331B Datasheet(PDF) 1 Page - Megawin Technology Co., Ltd

Part # MLC331B
Description  Single chip 8-bit CPU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLC331B Datasheet(HTML) 1 Page - Megawin Technology Co., Ltd

  MLC331B Datasheet HTML 1Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 2Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 3Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 4Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 5Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 6Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 7Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 8Page - Megawin Technology Co., Ltd MLC331B Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
MLC0xxB Series
8-bit I/O type micro-controller with voice function
This document contains information on a new product under development by MEGAWIN. MEGAWIN reserves the right to change or discontinue
this product without notice.
 MEGAWIN Technology Co., Ltd. 2007 All rights reserved.
2007/05 version 0.60
MEGAWIN
Features
•Single chip 8-bit CPU
•Operation voltage: 2.4V to 5.5V
• Memory:
♦
ROM (shared by program and data):
1024K ~ 48KBytes
♦
Data RAM: 256 Bytes
•24 input/output pins with wake-up function
•Two power-down modes for saving power
consumption:
♦
Sleep mode: micro-controller no
operation (main- and sub-oscillator still
oscillating)
♦
Stop mode: micro-controller no operation
(all oscillators stop oscillating)
•Two current DAC output for voice
synthesizer
•Dual-channel melody with programmable
envelope
•Programmable sample rate for
voice/melody function
•One serial input port and voltage
comparator built-in
•Three re-loadable 16-bit timers
•One watchdog timer built-in
•Oscillator
♦
Single or dual clock operation is
selected by code option
♦
Main oscillator operation at crystal or
RC mode is selected by code option
♦
Crystal/Ceramic oscillator up to 4MHz
@ 2.4V and 8MHz @ 3.6V
♦
RC oscillator up to 4MHz @ 2.4V
Selection Information
MLC331B
MLC241B
MLS161B
MLC121B
ROM
(Program ROM)
1024K x 8-bit
(32K x 8-bit)
768K x 8-bit
(32K x 8-bit)
512K x 8-bit
(32K x 8-bit)
384K x 8-bit
(32K x 8-bit)
I/O
24
24
24
24
6KHz 4-bit ADPCM
340 sec
250 sec
165 sec
125 sec
Voice
Duration
8KHz 4-bit ADPCM
250 sec
190 sec
125 sec
90 sec
MLC081B
MLC061B
MLC041B
MLC031B
MLC021B
MLC017B
ROM
(Program ROM)
256K x 8-bit
(32K x 8-bit)
192K x 8-bit
(32K x 8-bit)
128K x 8-bit
(32K x 8-bit)
96K x 8-bit
(32K x 8-bit)
64K x 8-bit
(32K x 8-bit)
48K x 8-bit
(32K x 8-bit)
I/O
24
24
24
24
24
24
6KHz 4-bit ADPCM
80 sec
60 sec
40 sec
30 sec
20 sec
16 sec
Voice
Duration
8KHz 4-bit ADPCM
60 sec
45 sec
30 sec
22 sec
16 sec
12 sec


Similar Part No. - MLC331B

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MLC331B MEGAWIN-MLC331B Datasheet
116Kb / 1P
8-bit I/O type micro-controller with voice function
More results

Similar Description - MLC331B

ManufacturerPart #DatasheetDescription
logo
NEC
UPD178F098 NEC-UPD178F098 Datasheet
247Kb / 52P
8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78001B NEC-UPD78001B Datasheet
576Kb / 62P
8-BIT SINGLE-CHIP MICROCOMPUTER
UPD78212 NEC-UPD78212 Datasheet
2Mb / 72P
8-BIT SINGLE-CHIP MICROCOMPUTER?
logo
List of Unclassifed Man...
KL5C8400 ETC-KL5C8400 Datasheet
449Kb / 2P
HIGH SPEED 8 BIT CPU
logo
Megawin Technology Co.,...
MA014B MEGAWIN-MA014B Datasheet
206Kb / 14P
Single chip 8-bit CPU
MG69L331 MEGAWIN-MG69L331 Datasheet
565Kb / 28P
Single Chip 8-bit CPU
MG69L340 MEGAWIN-MG69L340 Datasheet
596Kb / 28P
Single Chip 8-bit CPU
MG69L352 MEGAWIN-MG69L352 Datasheet
529Kb / 25P
Single Chip 8-bit CPU
MG69M220 MEGAWIN-MG69M220 Datasheet
560Kb / 27P
Single Chip 8-bit CPU
logo
NXP Semiconductors
P8XCX66 PHILIPS-P8XCX66 Datasheet
383Kb / 92P
80C51 8-bit CPU
1999 Mar 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com